Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 6 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 2Page - STMicroelectronics DSM2180F3V Datasheet HTML 3Page - STMicroelectronics DSM2180F3V Datasheet HTML 4Page - STMicroelectronics DSM2180F3V Datasheet HTML 5Page - STMicroelectronics DSM2180F3V Datasheet HTML 6Page - STMicroelectronics DSM2180F3V Datasheet HTML 7Page - STMicroelectronics DSM2180F3V Datasheet HTML 8Page - STMicroelectronics DSM2180F3V Datasheet HTML 9Page - STMicroelectronics DSM2180F3V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
DSM2180F3V
6/63
A programmable security bit in the DSM protects
its contents from unauthorized viewing and copy-
ing. When set, the security bit will block access of
programming devices (JTAG or others) to the
DSM Flash memory and PLD configuration. The
only way to defeat the security bit is to erase the
entire DSM device, after which the device is blank
and may be used again. The DSP will always have
access to Flash memory contents through the 8-bit
data port even while the security bit is set.
Table 1. DSM2180F3V DSP Memory System Devices
Table 2. Compatible Analog Devices DSPs
Part Number
ISP Flash
Memory
Flash Partitioning
PLD
I/O Ports
VCC and I/O
Mem Speed
DSM2180F3V-15
128K Bytes Eight 16K Byte Sectors 16 macro cells
Up to 16
3.3V ±10%
150 ns
DSP Part Numbers
Operating Voltage, VCC
I/O Capability
ADSP-2183, 2184L, 2185L, 2186L, 2187L
3.3V
3.3V
ADSP-2185M, 2186M, 2188M, 2189M
2.5V
2.5 - 3.3V
ADSP-2185N, 2186N, 2187N, 2188N, 2189N
1.8V
1.8 - 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com