Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 28 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 28 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 24Page - STMicroelectronics DSM2180F3V Datasheet HTML 25Page - STMicroelectronics DSM2180F3V Datasheet HTML 26Page - STMicroelectronics DSM2180F3V Datasheet HTML 27Page - STMicroelectronics DSM2180F3V Datasheet HTML 28Page - STMicroelectronics DSM2180F3V Datasheet HTML 29Page - STMicroelectronics DSM2180F3V Datasheet HTML 30Page - STMicroelectronics DSM2180F3V Datasheet HTML 31Page - STMicroelectronics DSM2180F3V Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
DSM2180F3V
28/63
COMPLEX PLD (CPLD)
The CPLD can be used to implement system logic
functions, such as loadable counters and shift reg-
isters, system mailboxes, handshaking protocols,
state machines, and random logic. See application
note
AN1171 for details on how to specify logic us-
ing PSDsoft Express.
As shown in Figure 15, the CPLD has the following
blocks:
s
16 Input Macrocells (IMC)
s
16 Output Macrocells (OMC)
s
Macrocell Allocator
s
Product Term Allocator
s
AND Array capable of generating up to 130
product terms
s
Two I/O Ports.
Each of the blocks are described in the sections
that follow.
The Input Macrocells (IMC) and Output Macrocells
(OMC) are connected to the device internal data
bus and can be directly accessed by the DSP. This
enables the DSP software to load data into the
Output Macrocells (OMC) or read data from both
the Input and Output Macrocells (IMC and OMC).
This feature allows efficient implementation of sys-
tem logic and eliminates the need to connect the
data bus to the AND Array as required in most
standard PLD macro cell architectures.
Figure 15. Macrocell and I/O Port
Output Macrocell (OMC). Eight of the Output
Macrocells (OMC) are connected to Port B pins
and are named as McellAB0-McellAB7. The other
eight Macrocells are connected to Ports B or C
pins and are named as McellBC0-McellBC7.
OMCs may be used for internal feedback only
(buried registers), or their outputs may be routed
to external Port pins.
The Output Macrocell (OMC) architecture is
shown in Figure 17. As shown in the figure, there
are native product terms available from the AND
Array, and borrowed product terms available (if
unused) from other Output Macrocells (OMC). The
polarity of the product term is controlled by the
XOR gate. The Output Macrocell (OMC) can im-
plement either sequential logic, using the flip-flop
I/O PORTS
CPLD Macrocells
Input Macrocells
LATCHED
ADDRESS OUT
MUX
D
D
Q
Q
Q
G
D
QD
WR
WR
PDR
DATA
PRODUCT TERM
ALLOCATOR
DIR
REG.
SELECT
INPUT
Product Terms
from other
MacrocellS
POLARITY
SELECT
UP TO 10
PRODUCT TERMS
CLOCK
SELECT
PR
DI LD
D/T
CK
CL
Q
D/T/JK FF
SELECT
PT CLEAR
PT
CLOCK
GLOBAL
CLOCK
PT Output Enable (OE)
Macrocell Feedback
I/O Port Input
PT INPUT LATCH GATE/CLOCK
MCU LOAD
PT PRESET
MCU DATA IN
COMB.
/REG
SELECT
Macrocell
to
I/O Port
Alloc.
CPLD
OUTPUT
TO OTHER I/O PORTS
DSP ADDRESS / DATA BUS
Macrocell
Out to
MCU
DATA
LOAD
CONTROL
CPLD OUTPUT
I/O Pin
AI04902B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com