Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 24 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 24 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 20Page - STMicroelectronics DSM2180F3V Datasheet HTML 21Page - STMicroelectronics DSM2180F3V Datasheet HTML 22Page - STMicroelectronics DSM2180F3V Datasheet HTML 23Page - STMicroelectronics DSM2180F3V Datasheet HTML 24Page - STMicroelectronics DSM2180F3V Datasheet HTML 25Page - STMicroelectronics DSM2180F3V Datasheet HTML 26Page - STMicroelectronics DSM2180F3V Datasheet HTML 27Page - STMicroelectronics DSM2180F3V Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
DSM2180F3V
24/63
Flash memory sector may be suspended, in order
to read data from another Flash memory sector,
and then resumed.
The address provided with the initial Flash Sector
Erase command sequence (Table 5) must select
the first desired sector (FS0 - FS7) to erase. Sub-
sequent sector erase commands that are append-
ed on within the time-out period must be
addressed to other desired segments (FS0 - FS7).
Suspend Sector Erase. When a Sector Erase
cycle is in progress, the Suspend Sector Erase in-
struction sequence can be used to suspend the
cycle by writing 0B0h to any address when an ap-
propriate Sector Select (FS0-FS7) is selected
(See Table 5). This allows reading of data from an-
other Flash memory sector after the Erase cycle
has been suspended. Suspend Sector Erase is
accepted only during an Erase cycle and defaults
to Read mode. A Suspend Sector Erase instruc-
tion sequence executed during an Erase time-out
period, in addition to suspending the Erase cycle,
terminates the time out period.
The Toggle Flag (DQ6) bit stops toggling when the
device internal logic is suspended. The status of
this bit must be monitored at an address within the
Flash memory sector being erased. The Toggle
Flag (DQ6) bit stops toggling between 0.1 µs and
15 µs after the Suspend Sector Erase instruction
sequence has been executed. The device is then
automatically set to Read mode.
If an Suspend Sector Erase instruction sequence
was executed, the following rules apply:
– Attempting to read from a Flash memory sector
that was being erased outputs invalid data.
– Reading from a Flash memory sector that was
not being erased is valid.
– The Flash memory
cannot be programmed, and
only responds to Resume Sector Erase and Re-
set Flash instruction sequences (Read is an op-
eration and is allowed).
– If a Reset Flash instruction sequence is re-
ceived, data in the Flash memory sector that
was being erased is invalid.
Resume Sector Erase. If
a
Suspend
Sector
Erase instruction sequence was previously exe-
cuted, the erase cycle may be resumed with this
instruction sequence. The Resume Sector Erase
instruction sequence consists of writing 030h to
any address while an appropriate Sector Select
(FS0-FS7) is active. (See Table 5.)
Flash Memory Sector Protect.
Each Flash memory sector can be separately pro-
tected against Program and Erase cycles. Sector
Protection provides additional data security be-
cause it disables all Program or Erase cycles. This
mode can be activated through the JTAG Port or a
Device Programmer. Sector protection can be se-
lected for each sector using PSDsoft Express.
This automatically protects selected sectors when
the device is programmed through the JTAG Port
or a Device Programmer. Flash memory sectors
can be unprotected to allow updating of their con-
tents using the JTAG Port or a Device Program-
mer. The DSP can read (but cannot change) the
sector protection bits.
Any attempt to program or erase a protected Flash
memory sector is ignored by the device. The Verify
operation results in a read of the protected data.
This allows a guarantee of the retention of the Pro-
tection status.
The sector protection status can be read by the
DSP through the Flash memory protection regis-
ters (in the
csiop block) as defined in Table 7.
Table 7. Sector Protection/Security Bit Definition – Flash Protection Register
Note: 1. Bit Definitions:
Sec<i>_Prot 1 = Flash memory sector <i> is write protected.
Sec<i>_Prot 0 = Flash memory sector <i> is not write protected.
Table 8. Security Bit Definition
Note: 1. Bit Definitions:
1 = Security Bit in device has been set.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Security_Bit
not used
not used
not used
not used
not used
not used
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com