Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 19 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 15Page - STMicroelectronics DSM2180F3V Datasheet HTML 16Page - STMicroelectronics DSM2180F3V Datasheet HTML 17Page - STMicroelectronics DSM2180F3V Datasheet HTML 18Page - STMicroelectronics DSM2180F3V Datasheet HTML 19Page - STMicroelectronics DSM2180F3V Datasheet HTML 20Page - STMicroelectronics DSM2180F3V Datasheet HTML 21Page - STMicroelectronics DSM2180F3V Datasheet HTML 22Page - STMicroelectronics DSM2180F3V Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
19/63
DSM2180F3V
Table 5. Instruction Sequences1,2,3,4
Note: 1. All values are in hexadecimal, X = Don’t Care
2. A desired internal Flash memory sector select signal (FS0 - FS7) must be active for each write or read cycle. Only one of FS0 - FS7
will be active at any given time depending on the address presented by the DSP and the memory mapping defined in PSDsoft Ex-
press. FS0 - FS7 are active high logic internally.
3. DSP addresses A17 through A12 are Don’t Care during the instruction sequence decoding. Only address bits A11-A0 are used
during Flash memory instruction sequence decoding bus cycles. The individual sector select signal (FS0 - FS7) which is active dur-
ing the instruction sequences determines the complete address.
4. For write operations, addresses are latched on the falling edge of Write Strobe (WR, CNTL0), Data is latched on the rising edge of
Write Strobe (WR, CNTL0)
5. No Unlock or Instruction cycles are required when the device is in the Read Array mode. Operation is like reading a ROM device.
6. The Reset Flash instruction is required to return to the normal Read Array mode if the Error Flag (DQ5) bit goes High, or after read-
ing the Flash Identifier or after reading the Sector Protection Status.
7. The DSP cannot invoke this instruction sequence while executing code from the same Flash memory as that for which the instruc-
tion sequence is intended. The DSP must fetch, for example, the code from the DSP SRAM when reading the Flash memory Iden-
tifier or Sector Protection Status.
8. The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active, and
(A1,A0)=(1,0)
9. Directing this command to any individual active Flash memory segment (FS0 - FS7) will invoke the bulk erase of all eight Flash
memory sectors.
10. DSP writes command sequece to initial segment to be erased, then writes the byte 30h to additional sectors to be erased. The byte
30h must be addressed to one of the other Flash memory segments (FS0 - FS7) for each additional segment (write 30h to any
address within a desired sector). No more than 80uS can elapse between subsequent additional sector erase commands.
11. The system may perform Read and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protect Status,
when in the Suspend Sector Erase mode. The Suspend Sector Erase instruction sequence is valid only during a Sector Erase cycle.
12. The Resume Sector Erase instruction sequence is valid only during the Suspend Sector Erase mode.
Instruction
Sequence
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
Read Memory
Contents5
Read byte
from any
valid Flash
memory addr
Read Flash
Identifier6,7
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 90h
to XX555h
Read identifier
with addr lines
A6,A1,A0 =
0,0,1
Read Memory
Sector Protection
Status6,7,8
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 90h
to XX555h
Read identifier
with addr lines
A6,A1,A0 =
0,1,0
Program a Flash
Byte
Write AAh to
XX555h
Write 55h
to XXAAAh
Write A0h
to XX555h
Write
(program)
data to addr
Flash Bulk Erase9
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 80h
to XX555h
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 10h
to XX555h
Flash Sector
Erase10
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 80h
to XX555h
Write AAh to
XX555h
Write 55h
to XXAAAh
Write 30h
to another
Sector
Write 30h
to another
Sector
Suspend Sector
Erase11
Write B0h to
address that
activates any
of FS0 - FS7
Resume Sector
Erase12
Write 30h to
addr that
activates any
of FS0 - FS7
Reset Flash6
Write F0h to
address that
activates any
of FS0 - FS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com