Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 39 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 39 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 35Page - STMicroelectronics DSM2180F3V Datasheet HTML 36Page - STMicroelectronics DSM2180F3V Datasheet HTML 37Page - STMicroelectronics DSM2180F3V Datasheet HTML 38Page - STMicroelectronics DSM2180F3V Datasheet HTML 39Page - STMicroelectronics DSM2180F3V Datasheet HTML 40Page - STMicroelectronics DSM2180F3V Datasheet HTML 41Page - STMicroelectronics DSM2180F3V Datasheet HTML 42Page - STMicroelectronics DSM2180F3V Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
39/63
DSM2180F3V
POWER MANAGEMENT
The device offers configurable power saving op-
tions. These options may be used individually or in
combinations, as follows:
s
All memory blocks in the device are built with
zero-power management technology. Zero-
power technology puts the memories into
standby mode when address/data inputs are
not changing (zero DC current). As soon as a
transition occurs on an input, the affected
memory “wakes up”, changes and latches its
outputs, then goes back to standby. The
designer does
not have to do anything special to
achieve memory standby mode when no inputs
are changing—it happens automatically.
Both PLDs (DPLD and CPLD) are also Zero-
power, but this is not the default operation. The
DSP must set a bit at run-time to achieve Zero-
power as described next.
s
The PMMR registers can be written by the DSP
at run-time to manage power. The device has a
Turbo bit in the PMMR0 register. This bit can be
set to turn the Turbo mode off (the default is with
Turbo mode turned on). While Turbo mode is
off, the PLDs can achieve standby current when
no PLD inputs are changing (zero DC current).
Even when inputs do change, significant power
can be saved at lower frequencies (AC current),
compared to when Turbo mode is on. When the
Turbo mode is on, there is a significant DC
current component and the AC component is
higher.
Further significant power savings can be
achieved by blocking signals that are not used
in DPLD or CPLD logic equations. The “blocking
bits” in PMMR registers can be set to logic 1 by
the DSP to block designated signals from reach-
ing both PLDs. Current consumption of the
PLDs is directly related to the composite fre-
quency of the changes on their inputs (see Fig-
ure 25), so blocking unused PLD inputs can
significantly lower PLD operating frequency and
power consumption. The DSP also has the op-
tion of blocking certain PLD input when not
needed, then letting them pass for when needed
for specific logic operations. Table 17 and Table
18 define the PMMR registers.
s
PSD Chip Select Input (CSI, PD2) can be used
to disable the internal memories and
csiop
registers, placing them in standby mode even if
inputs are changing. This feature does not block
any internal signals or disable the PLDs. There
is a slight penalty in memory access time when
PSD Chip Select Input (CSI, PD2) makes its
initial transition from deselected to selected.
Table 17. Power Management Mode Registers PMMR01
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (Reset) pulses do not clear the registers.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
0 = on PLD Turbo mode is on
1 = off PLD Turbo mode is off, saving power.
Bit 4
PLD Array clk
0 = on
CLKIN (PD1) input to the PLD AND Array is passed onto PLDs. Every change of
CLKIN (PD1) Powers-up the PLD when Turbo bit is 0.
1 = off CLKIN (PD1) input to PLD AND Array is blocked, saving power.
Bit 5
PLD MCell clk
0 = on CLKIN (PD1) input to the PLD Macrocells is passed onto PLDs.
1 = off CLKIN (PD1) input to PLD Macrocells is blocked, saving power.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com