Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 32 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 32 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 28Page - STMicroelectronics DSM2180F3V Datasheet HTML 29Page - STMicroelectronics DSM2180F3V Datasheet HTML 30Page - STMicroelectronics DSM2180F3V Datasheet HTML 31Page - STMicroelectronics DSM2180F3V Datasheet HTML 32Page - STMicroelectronics DSM2180F3V Datasheet HTML 33Page - STMicroelectronics DSM2180F3V Datasheet HTML 34Page - STMicroelectronics DSM2180F3V Datasheet HTML 35Page - STMicroelectronics DSM2180F3V Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
DSM2180F3V
32/63
DSP Bus Interface
The “no-glue logic” DSP Bus Interface allows di-
rect connection. DSP address, data, and control
signals connect directly to the DSM device. See
Figure 6 for typical connections.
DSP address, data and control signals are routed
to Flash memory, I/O control (
csiop), OMCs, and
IMCs within the DMS. The DSP address range for
each of these components is specified in PSDsoft
ExpressTM.
I/O Ports
There are three programmable I/O ports: Ports B,
C, and D. Each of the ports is eight bits except Port
D, which is 3 bits. Each port pin is individually user
configurable, thus allowing multiple functions per
port. The ports are configured using PSDsoft Ex-
pressTM or by the DSP writing to on-chip registers
in the
csiop block.
The topics discussed in this section are:
s
General Port architecture
s
Port operating modes
s
Port Configuration Registers (PCR)
s
Port Data Registers
s
Individual Port functionality.
General Port Architecture. The general archi-
tecture of the I/O Port block is shown in Figure 19.
Individual Port architectures are shown in Figure
20 to Figure 23. In general, once the purpose for a
port pin has been defined in PSDsoft ExpressTM,
that pin is no longer available for other purposes.
Exceptions are noted.
Figure 19. General I/O Port Architecture
As shown in Figure 19, the ports contain an output
multiplexer whose select signals are driven by the
configuration bits determined by PSDsoft Express.
Inputs to the multiplexer include the following:
s
Output data from the Data Out register (for MCU
I/O mode)
s
CPLD Macrocell output (OMC)
s
External Chip Selects ESC0-2 from the DPLD to
Port D pins only.
The Port Data Buffer (PDB) is a tri-state buffer that
allows only one source at a time to be read by the
DSP. The Port Data Buffer (PDB) is connected to
the Internal Data Bus for feedback and can be
read by the DSP. The Data Out and Macrocell out-
DATA OUT
REG.
DQ
DQ
WR
WR
Macrocell Outputs
ENABLE PRODUCT TERM (.OE)
EXT CS
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
Input
Macrocell
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT PIN
DATA OUT
AI04905B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com