Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3V Datasheet(PDF) 30 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 30 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 26Page - STMicroelectronics DSM2180F3V Datasheet HTML 27Page - STMicroelectronics DSM2180F3V Datasheet HTML 28Page - STMicroelectronics DSM2180F3V Datasheet HTML 29Page - STMicroelectronics DSM2180F3V Datasheet HTML 30Page - STMicroelectronics DSM2180F3V Datasheet HTML 31Page - STMicroelectronics DSM2180F3V Datasheet HTML 32Page - STMicroelectronics DSM2180F3V Datasheet HTML 33Page - STMicroelectronics DSM2180F3V Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
DSM2180F3V
30/63
Each Macrocell may only borrow product terms
from certain other Macrocells. Product terms al-
ready in use by one Macrocell are not available for
another Macrocell. Product term allocation does
not add any propagation delay to the logic.
If an equation requires more product terms than
are available to it through product term allocation,
then “external” product terms are required, which
consumes other Output Macrocells (OMC). This is
called product term expansion and also happens
automatically in PSDsoft ExpressTM as needed.
Product tern expansion causes additional propa-
gation delay because an OMC is consumed by the
expansion and it’s output is rerouted (or fed back)
into the AND array.
You can examine the fitter report generated by
PSDsoft Express to see resulting product term al-
location and product term expansion.
Loading and Reading the Output Macrocells
(OMCs). Each of the two OMC blocks (8 OMCs
each) occupies a memory location in the DSP ad-
dress space, as defined in the
csiop block
MCELLAB0-7 and MCELLBC0-7 (see Table 4).
The flip-flops in each of the 16 OMCs can be load-
ed from the data bus by a DSP. Loading the OMCs
with data from the DSP takes priority over internal
functions. As such, the preset, clear, and clock in-
puts to the flip-flop can be overridden by the DSP.
The ability to load the flip-flops and read them
back is useful in such applications as loadable
counters and shift registers, mailboxes, and hand-
shaking protocols.
Data is loaded into the Output Macrocells (OMC)
on the trailing edge of Write Strobe (WR, CNTL0).
Figure 17. CPLD Output Macrocell
PT
Allocator
MASK
REG.
PT CLK
PT
PT
PT
CLKIN
Feedback (.FB)
Port Input
MUX
MUX
POLARITY
SELECT
LD
IN
CLR
Q
PR
DIN
COMB/REG
SELECT
Port
Driver
Input
Macrocell
I/O Pin
Macrocell
Allocator
INTERNAL DATA BUS
D [ 7:0]
Direction
Register
CLEAR (.RE)
Programmable
FF (D / T/JK /SR)
WR
ENABLE (.OE)
PRESET(.PR)
RD
Output Macrocell CS
AI04903B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com