Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 36 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 36 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 32Page - SPANSION AM29BDS643G Datasheet HTML 33Page - SPANSION AM29BDS643G Datasheet HTML 34Page - SPANSION AM29BDS643G Datasheet HTML 35Page - SPANSION AM29BDS643G Datasheet HTML 36Page - SPANSION AM29BDS643G Datasheet HTML 37Page - SPANSION AM29BDS643G Datasheet HTML 38Page - SPANSION AM29BDS643G Datasheet HTML 39Page - SPANSION AM29BDS643G Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
34
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. Figure shows total number of clock cycles set to four.
2. Figure shows that PS (power saving mode) has been enabled; one additional wait state occurs during initial data Da. Latency
is not present if PS is not enabled.
3. If any burst address occurs at a 64-word boundary, two additional clock cycle are inserted, and are indicated by RDY.
Figure 10.
Burst Mode Read (40 MHz)
Da
Da + 1
Da + 2
Da + n
OE#
A/DQ0:
A/DQ15
A16:
A21
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVDS
tAVDH
tAVDO
tACH
tBACC
tOE
tOEZ
tCEZ
tIACC
tBDH
Aa
4 cycles for initial access shown.
Programmable wait state function is set to 02h.
1 cycle
wait state
when PS
enabled
25 ns typ.
tRACC
Hi-Z
Hi-Z
Hi-Z
tRYDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com