Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 17 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 17 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 13Page - SPANSION AM29BDS643G Datasheet HTML 14Page - SPANSION AM29BDS643G Datasheet HTML 15Page - SPANSION AM29BDS643G Datasheet HTML 16Page - SPANSION AM29BDS643G Datasheet HTML 17Page - SPANSION AM29BDS643G Datasheet HTML 18Page - SPANSION AM29BDS643G Datasheet HTML 19Page - SPANSION AM29BDS643G Datasheet HTML 20Page - SPANSION AM29BDS643G Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
15
D A TA
SH EE T
Table 6.
Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
0000h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0005h
Sector Protect/Unprotect scheme
05 = 29BDS/N643 mode
4Ah
0066h
Simultaneous Operation
Number of Sectors in Bank 2 (Uniform Bank)
4Bh
0001h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Top/Bottom Boot Sector Flag
0001h = Top/Middle Boot Device,
0002h = Bottom Boot Device, 03h = Top Boot Device
50h
0000h
Program Suspend. 00h = not supported
57h
0004h
Bank Organization: X = Number of banks
58h
0020h
Bank D Region Information. X = Number of sectors in bank
59h
0020h
Bank C Region Information. X = Number of sectors in bank
5Ah
0023h
Bank B Region Information. X = Number of sectors in bank
5Bh
0023h
Bank A Region Information. X = Number of sectors in bank
5Ch
0001h
Process Technology. 00h = 0.23 µm, 01h = 0.17 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com