Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 18 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 18 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 14Page - SPANSION AM29BDS643G Datasheet HTML 15Page - SPANSION AM29BDS643G Datasheet HTML 16Page - SPANSION AM29BDS643G Datasheet HTML 17Page - SPANSION AM29BDS643G Datasheet HTML 18Page - SPANSION AM29BDS643G Datasheet HTML 19Page - SPANSION AM29BDS643G Datasheet HTML 20Page - SPANSION AM29BDS643G Datasheet HTML 21Page - SPANSION AM29BDS643G Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
16
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
Table 7.
Sector Address Table
Sector
Sector Size
(x16) Address Range
SA0
32 Kwords
000000h—007FFFh
SA1
32 Kwords
008000h—00FFFFh
SA2
32 Kwords
010000h—017FFFh
SA3
32 Kwords
018000h—01FFFFh
SA4
32 Kwords
020000h—027FFFh
SA5
32 Kwords
028000h—02FFFFh
SA6
32 Kwords
030000h—037FFFh
SA7
32 Kwords
038000h—03FFFFh
SA8
32 Kwords
040000h—047FFFh
SA9
32 Kwords
048000h—04FFFFh
SA10
32 Kwords
050000h—057FFFh
SA11
32 Kwords
058000h—05FFFFh
SA12
32 Kwords
060000h—067FFFh
SA13
32 Kwords
068000h—06FFFFh
SA14
32 Kwords
070000h—077FFFh
SA15
32 Kwords
078000h—07FFFFh
SA16
32 Kwords
080000h—087FFFh
SA17
32 Kwords
088000h—08FFFFh
SA18
32 Kwords
090000h—097FFFh
SA19
32 Kwords
098000h—09FFFFh
SA20
32 Kwords
0A0000h—0A7FFFh
SA21
32 Kwords
0A8000h—0AFFFFh
SA22
32 Kwords
0B0000h—0B7FFFh
SA23
32 Kwords
0B8000h—0BFFFFh
SA24
32 Kwords
0C0000h—0C7FFFh
SA25
32 Kwords
0C8000h—0CFFFFh
SA26
32 Kwords
0D0000h—0D7FFFh
SA27
32 Kwords
0D8000h—0DFFFFh
SA28
32 Kwords
0E0000h—0E7FFFh
SA29
32 Kwords
0E8000h—0EFFFFh
SA30
32 Kwords
0F0000h—0F7FFFh
SA31
32 Kwords
0F8000h—0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com