Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 44 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 44 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 40Page - SPANSION AM29BDS643G Datasheet HTML 41Page - SPANSION AM29BDS643G Datasheet HTML 42Page - SPANSION AM29BDS643G Datasheet HTML 43Page - SPANSION AM29BDS643G Datasheet HTML 44Page - SPANSION AM29BDS643G Datasheet HTML 45Page - SPANSION AM29BDS643G Datasheet HTML 46Page - SPANSION AM29BDS643G Datasheet HTML 47Page - SPANSION AM29BDS643G Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
42
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Note: 8-word linear burst mode shown. 16- and 32-word linear burst read modes behave similarly.
Figure 18.
8-, 16-, and 32-Word Linear Burst
Address Wrap Around
Note: Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60.
Figure 19.
Latency with Boundary Crossing (54 MHz and 66 MHz)
CLK
Address (hex)
D0
D1
D2
A/DQ0:
A/DQ15
OE#,
CE#
Address wraps back to beginning of address group.
39
39
3A
3B
3C
3D
3E
3F
38
Initial Access
VIL
VIH
AVD#
VIL
VIH
D3
D4
D5
D6
D7
CLK
Address (hex)
C59
C60
C61
C62
C62
C62
C63
C64
C65
C66
D59
D60
D61
D62
D63
D64
D65
D66
(stays high)
AVD#
RDY
A/DQ0:
A/DQ15
OE#,
CE#
(stays low)
Address boundary occurs every 64 words, beginning at address
00003Eh: 00007Eh, 0000BEh, etc. Address 000000h is also a boundary crossing.
3B
3C
3D
3E
3E
3E
3F
40
41
42
latency
tRACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com