Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 47 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 47 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 41Page - SPANSION AM29BDS643G Datasheet HTML 42Page - SPANSION AM29BDS643G Datasheet HTML 43Page - SPANSION AM29BDS643G Datasheet HTML 44Page - SPANSION AM29BDS643G Datasheet HTML 45Page - SPANSION AM29BDS643G Datasheet HTML 46Page - SPANSION AM29BDS643G Datasheet HTML 47Page - SPANSION AM29BDS643G Datasheet HTML 48Page - SPANSION AM29BDS643G Datasheet HTML 49Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
45
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 1.8 V V
CC, 1 million cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 1.8 V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 10 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1 million cycles.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
32 Kword
0.4
5
s
Excludes 00h programming
prior to erasure (Note 4)
8 Kword
0.4
5
Chip Erase Time
54
s
Word Programming Time
11.5
210
µs
Excludes system level
overhead (Note 5)
Accelerated Word Programming Time
4
120
µs
Chip Programming Time (Note 3)
48
144
s
Excludes system level
overhead (Note 5)
Accelerated Chip Programming Time
16
48
s
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com