Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 14 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 14 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 10Page - SPANSION AM29BDS643G Datasheet HTML 11Page - SPANSION AM29BDS643G Datasheet HTML 12Page - SPANSION AM29BDS643G Datasheet HTML 13Page - SPANSION AM29BDS643G Datasheet HTML 14Page - SPANSION AM29BDS643G Datasheet HTML 15Page - SPANSION AM29BDS643G Datasheet HTML 16Page - SPANSION AM29BDS643G Datasheet HTML 17Page - SPANSION AM29BDS643G Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
12
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
read access when the device is in either of these
standby modes, before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
ICC3 in the DC Characteristics table represents the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enters
this mode when addresses remain stable for tACC +
60 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dre ss access t i m i ngs p r ov ide new data when
addresses are changed. While in sleep mode, output
data is latched and always available to the system.
ICC4 in the DC Characteristics table represents the
automatic sleep mode current specification.
RESET#: Hardware Reset Input
The RESET# input provides a hardware method of re-
setting the device to reading array data. When
RESET# is driven low for at least a period of tRP, the
device immediately ter minates any operation in
progress, tr istates all outputs, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was
interrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS±0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is
held at VIL but not within VSS±0.2 V, the standby cur-
rent will be greater.
RESET# may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the device requires a time of tREADY (during
Embedded Algorithms) before the device is ready to
read data again. If RESET# is asserted when a pro-
gram or erase operation is not executing, the reset
operation is completed within a time of tREADY (not
during Embedded Algorithms). The system can read
data tRH after RESET# returns to VIH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 12 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabl ed. The o u t p ut s a r e pla c e d in t h e high
impedance state.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to Table 10 for com-
mand definitions).
The device offers three types of data protection at the
sector level:
■ The sector lock/unlock command sequence dis-
ables or re-enables both program and erase opera-
tions in any sector.
■ When WP# is at VIL, the two outermost sectors are
locked.
■ When VPP is at VIL, all sectors are locked.
The following hardware data protection measures pre-
vent accidental erasure or programming, which might
otherwise be caused by spurious system level signals
during VCC power-up and power-down transitions, or
from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register
and all internal program/erase circuits are disabled,
and the device resets to reading array data. Subse-
quent writes are ignored until VCC is greater than
VLKO. The system must provide the proper signals to
the control inputs to prevent unintentional writes when
VCC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
VIL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero while OE# is a
logical one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com