Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 45 Page - SPANSION

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS643G Datasheet(HTML) 45 Page - SPANSION

Back Button AM29BDS643G Datasheet HTML 41Page - SPANSION AM29BDS643G Datasheet HTML 42Page - SPANSION AM29BDS643G Datasheet HTML 43Page - SPANSION AM29BDS643G Datasheet HTML 44Page - SPANSION AM29BDS643G Datasheet HTML 45Page - SPANSION AM29BDS643G Datasheet HTML 46Page - SPANSION AM29BDS643G Datasheet HTML 47Page - SPANSION AM29BDS643G Datasheet HTML 48Page - SPANSION AM29BDS643G Datasheet HTML 49Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
43
D A TA
SH EE T
AC CHARACTERISTICS
Note: Devices should be programmed with wait states as discussed in the “Programmable Wait State” section on page 10.
Figure 20.
Initial Access with Power Saving (PS) Function and Address Boundary Latency
Note: If tAVDSM > 1 CLK cycle, wait state usage is reduced. Figure shows 40 MHz clock, handshaking enabled. Wait state usage
is 4 clock cycles instead of 5. Note that tAVDSM must be less than 76 µs for burst operation to begin.
Figure 21.
Example of Extended Valid Address Reducing Wait State Usage
CLK
AVD#
RDY
PS
Address
High-Z
High-Z
A/DQ0:
A/DQ15
PS
OE#
D0
D1
D2
PS1
PS2
device is programmable from 2 to 7 total cycles
during initial access (here, programmable wait state
function is set to 04h; 6 cycles total)
PS high if data is inverted,
low if data is not inverted
2 additional
wait states if
address is
at boundary
1 additional
wait state to
indicate PS
is enabled
AVD# low with clock
present enables
burst read mode
Address
A16:A21
boundary
latency
tOE
CLK
AVD#
RDY
High-Z
A/DQ
OE#
CE#
D0
D1
D2
tIACC2
tAVDSM
Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com