Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 43 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 43 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 39Page - Sumida Corporation CMS5D21 Datasheet HTML 40Page - Sumida Corporation CMS5D21 Datasheet HTML 41Page - Sumida Corporation CMS5D21 Datasheet HTML 42Page - Sumida Corporation CMS5D21 Datasheet HTML 43Page - Sumida Corporation CMS5D21 Datasheet HTML 44Page - Sumida Corporation CMS5D21 Datasheet HTML 45Page - Sumida Corporation CMS5D21 Datasheet HTML 46Page - Sumida Corporation CMS5D21 Datasheet HTML 47Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 156 page
background image
43
CLQ102
Application
1. Digital video camera
1. Multiple Output
2. Power choke
1. Multiple Output
2. Power choke
1. Multiple Output
2. Power choke
1. Multiple Output
2. Power choke
: Max. 8.2mH
: Max. 500kHz
: 600mW (100kHz), 1.4W (300kHz), 2.2W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
Application
: Max. 4.3mH
: Max. 500kHz
: 650mW (100kHz), 1.5W (300kHz), 2.2W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLS-10
Application
: Max. 500
µH
: Max. 1MHz
: 4.0W (300kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLS10D45
Application
: Max. 22mH
: Max. 500kHz
: 1.2W (100kHz), 2.9W (300kHz), 4.3W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLS-12
Application
: Max. 500kHz
: 1.1W (100kHz), 2.5W (300kHz), 3.7W (500kHz)
Operating Freq
Max. Operating Power
Specifications
CLS126
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
8.0
Max. 5.2
10.8
(9.9)
Max. 10.9
8.0
Max. 3.0
0.5
3-1.7
9.2
Max. 11.3
Max. 5.0
9.6
10.0
2.0
10.0
2.0
Max. 14.5
12.2
Max. 6.0
12.0
13.1
2.0
13.1
2.0
12.0
Max. 7.5
Max. 14.5
12.2
Solder Resist
2.5
6.8
7.0
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com