Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 34 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 34 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 30Page - Sumida Corporation CMS5D21 Datasheet HTML 31Page - Sumida Corporation CMS5D21 Datasheet HTML 32Page - Sumida Corporation CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation CMS5D21 Datasheet HTML 36Page - Sumida Corporation CMS5D21 Datasheet HTML 37Page - Sumida Corporation CMS5D21 Datasheet HTML 38Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
34
DC-DC Converter Transformers
Current sensor for Switching Power Supply and other circuit
OUTLINE
Current sensor.
CEEH1310B
DC-DC Converter Transformers < Current sensor for Switching Power Supply and other circuit >
: 500kHz
: 9.0W @ 500kHz
Max. Operating frequency
Max. Operating Power
Specifications
CEEH55
PROVISIONAL
SCR1021
( A )
( B )
PROVISIONAL
About CEE4D30, CEEH55, SCR1021, CS1420
CEE4D30
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
CONSTRUCTION
DIMENSIONS (mm)
SCHEMATICS
DIMENSIONS (mm)
LAND PATTERNS (mm)
LAND PATTERNS (mm)
SCHEMATICS
DIMENSIONS (mm)
SCHEMATICS
DIMENSIONS (mm)
SCHEMATICS
Max. 7.8
Max. 10.0
Max. 22.0
4.0
±1.0
Max. 5.45
Max. 18.0
1.8
4.7
6.5
Max. 17.5
15.3
Max. 13.5
21.0
2.2
2.5
4.7
1
0.61
0.25
1.85
2.69
2.7
1.27
8
7
3
1
3
1
3
2
1
ø5.1
PROVISIONAL
CS1420
PROVISIONAL
Max. 22.0
0.64
×0.64
Max. 17.5
17.95
±0.5
5.25
± 0.3
6
2
5
3
4
1
CONSTRUCTION
Max.4.6
4.2
± 0.2
(3.0)
4.8
2.3
Max.3.2
(0.1)
12
4
3 S
/ 概要
カレントセンサー。
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
磁気構造図
外形寸法図
結線図
外形寸法図
推奨ランド寸法
推奨ランド寸法
結線図
外形寸法図
結線図
外形寸法図
結線図
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com