Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 37 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 37 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation CMS5D21 Datasheet HTML 36Page - Sumida Corporation CMS5D21 Datasheet HTML 37Page - Sumida Corporation CMS5D21 Datasheet HTML 38Page - Sumida Corporation CMS5D21 Datasheet HTML 39Page - Sumida Corporation CMS5D21 Datasheet HTML 40Page - Sumida Corporation CMS5D21 Datasheet HTML 41Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
37
DC-DC Converter Transformers < SMD Type Transformer for Automotive applications >
About CEIR199, CEIR1910, CEIR1911
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
CEIR199
PROVISIONAL
CEIR1910
Specifications
: 130
µH
: 5.4W(100kHz), 13W(300kHz), 19W(500kHz)
Inductance
Max. Operating frequency
Features
1. SMD type DC-DC converter is using the flat wire
Features
1. SMD type DC-DC converter is using the flat wire
Features
1. SMD type DC-DC converter is using the flat wire
NEW
PROVISIONAL
15.0
25.2
20.6
23.6
Max. 11.2
0.3
15.0
25.2
15.0
25.2
CEIR1911
NEW
PROVISIONAL
CER2012
NEW
Specifications
: 70
µH
: 500kHz
: 4.3W (100kHz), 10W (300kHz), 15W (500kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: 200
µH
: 500kHz
: 6.2W (100kHz), 15W (300kHz), 22W (500kHz)
Inductance
Max. Operating frequency
Max. Operating power
Specifications
: Max. 12mH
: 500kHz
: 35W (300kHz)
Inductance
Max. Operating frequency
Max. Operating power
20.6
Max.10.3
23.6
0.3
20.6
Max.12.3
0.3
23.6
Max.22.0
Max.12.6
0.4
22.9
17.2
1.3
6.8
20.0
5.0
2–ø1.8
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONSTRUCTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com