Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 32 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 32 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 28Page - Sumida Corporation CMS5D21 Datasheet HTML 29Page - Sumida Corporation CMS5D21 Datasheet HTML 30Page - Sumida Corporation CMS5D21 Datasheet HTML 31Page - Sumida Corporation CMS5D21 Datasheet HTML 32Page - Sumida Corporation CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation CMS5D21 Datasheet HTML 36Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
32
DC-DC Converter Transformers < Step Up DC-DC Converter Transformers for Strobe >
About CMS5D21
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
CMS5D21
Application
1. Step up transformer for strobe of Digital still camera
Specifications
: Max. 2mH
: 1MHz
Inductance
Max. Operating frequency
PROVISIONAL
Max. 5.2
5.0
(3.3)
Max. 2.3
3.0
5.8
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
CEEH54
Application
1. Step up transformer for strobe of Digital still camera
Application
1. Step up transformer for strobe of Digital still camera
CEEH64
: Max. 24.4mH
: 500kHz
Inductance
Max. Operating frequency
Specifications
: Max. 31.3mH
: 500kHz
Inductance
Max. Operating frequency
Specifications
Max. 6.8
Max. 5.1
Max. 8.2
0.2
6.8
5-0.5
5.6
9.2
7.0
11.0
Max. 8.0
Max. 4.8
Max. 10.0
8.4
0.6
0.6
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
Application
1. Trigger coil for strobe of Digital still camera
TC56
: 1.68mH
± 20%, 2.0µH ± 20%
: 1kHz
Inductance
Max. Operating frequency
Specifications
7.0
HV.IN
250V
PULSE
( Vpp:3V )
GND
OUT
5kVpp
5
2
CR02AM-8
1
5.3
3.0
Ø0.5
DIMENSIONS (mm)
CIRCUIT
CONSTRUCTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
使用回路



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com