Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 19 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 19 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 15Page - Sumida Corporation CMS5D21 Datasheet HTML 16Page - Sumida Corporation CMS5D21 Datasheet HTML 17Page - Sumida Corporation CMS5D21 Datasheet HTML 18Page - Sumida Corporation CMS5D21 Datasheet HTML 19Page - Sumida Corporation CMS5D21 Datasheet HTML 20Page - Sumida Corporation CMS5D21 Datasheet HTML 21Page - Sumida Corporation CMS5D21 Datasheet HTML 22Page - Sumida Corporation CMS5D21 Datasheet HTML 23Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 156 page
background image
19
Power Inductors for LED lighting
Power Inductors
DC/DC converter inductors &
output filter chokes for LED lighting
CDRH5D11
CDH50D48
OUTLINE
About CDH50D48, CDH70D48
PROVISIONAL
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Operational Ambient Temperature : -40
°C~125°C(including self-heating)
LED drive power inductors are applicable for input AC100V high withstand voltage needs & other inductors for high L values chokes used in
output filter needs standrdized with small footprit, low profile and cost-competitive feature.
使用温度範囲:-40∼125℃(コイル自己発熱含み)
入力AC100Vに対応した耐電圧LED駆動用電源インダクタ、及び各種LED電球の電流値ニーズに対応した出力平滑用ハイL値インダクタを小型、低背、廉価でシリーズ化しました。
DIMENSIONS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
LAND PATTERNS (mm)
Inductance Range
CDRH5D11
CDH50D48
CDH70D48
Measuring Freq.(L)100kHz
1.0
µH - 22µH
100
µH - 4.7mH
100
µH - 4.7mH
Max.5.3
Max.1.2
CDH70D48
PROVISIONAL
DIMENSIONS (mm)
LAND PATTERNS (mm)
外形寸法図
推奨ランド寸法
Max.5.15
1.0
2.3
5.6
1.2
4.2
Max.5.0
Max.7.15
1.3 2.95
7.2
1.5
5.8
Max.5.0
/ 概要
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
外形寸法図
推奨ランド寸法
外形寸法図
推奨ランド寸法
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com