Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS5D21 Datasheet(PDF) 35 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 35 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 31Page - Sumida Corporation CMS5D21 Datasheet HTML 32Page - Sumida Corporation CMS5D21 Datasheet HTML 33Page - Sumida Corporation CMS5D21 Datasheet HTML 34Page - Sumida Corporation CMS5D21 Datasheet HTML 35Page - Sumida Corporation CMS5D21 Datasheet HTML 36Page - Sumida Corporation CMS5D21 Datasheet HTML 37Page - Sumida Corporation CMS5D21 Datasheet HTML 38Page - Sumida Corporation CMS5D21 Datasheet HTML 39Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
35
DC-DC Converter Transformers < Current sensor for Switching Power Supply and other circuit >
CEEH55
Type Name
S020A
S030A
S040A
S050A
S060A
S070A
S100A
S125A
S150A
S200A
Parts No.
Inductance(1-3)
Min.
Turns Ratio
0.08mH
0.18mH
0.32mH
0.50mH
0.72mH
0.98mH
2.00mH
3.00mH
4.32mH
8.00mH
1:20
1:30
1:40
1:50
1:60
1:70
1:100
1:125
1:150
1:200
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
6m
Ω
8-7
1-3
HI-POT
1,3 to 7,8
550m
Ω
870m
Ω
1140m
Ω
1500m
Ω
1750m
Ω
4750m
Ω
5500m
Ω
6500m
Ω
15400m
Ω
32700m
Ω
10A
10A
10A
10A
10A
10A
10A
10A
10A
10A
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
500Vrms
Specifications
D.C.R.
@20
°C Max.
Rated current
SCR1021
Type Name
PS05-163
PS05-164
PS05-165
PS05-166
PS05-167
PS05-168
PS05-169
PS05-170
PS05-171
PS05-172
PS05-173
Parts No.
Secondary L 10kHz/0.1V
(Within)
Turns Ratio
7.70mH
±35%
30.9mH
±35%
69.5mH
±35%
123.6mH
±35%
193.0mH
±35%
278.0mH
±35%
494.5mH
±35%
1.93mH
±35%
7.70mH
±35%
30.9mH
±35%
69.5mH
±35%
1:50
1:100
1:150
1:200
1:250
1:300
1:400
1:25:25
1:50:50
1:100:100
1:150:150
0.72
Ω
1.50
Ω
2.80
Ω
4.80
Ω
7.50
Ω
11.0
Ω
18.6
Ω
0.40
Ω
0.75
Ω
2.50
Ω
5.50
Ω
Schematic
20A
20A
20A
20A
20A
20A
20A
20A
20A
20A
20A
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
AC4000Vrms
A
A
A
A
A
A
A
B
B
B
B
Current 1 turn Pri
HI-POT(Pri.-Sec.)
(50/60Hz)
CS1420
Type Name
PS05-174
PS05-175
PS05-176
PS05-177
PS05-178
PS05-179
PS05-180
PS05-181
PS05-182
PS05-183
PS05-184
PS05-185
Parts No.
Secondary L 10kHz/0.1V
(Within)
Turns Ratio
0.31mH
±35%
1.93mH
±35%
77.2mH
±35%
30.9mH
±35%
30.9mH
±35%
69.5mH
±35%
123.6mH
±35%
193.1mH
±35%
2780mH
±35%
2.75mH
±35%
11.0mH
±35%
44.0mH
±35%
1:1:10
1:1:25
1:1:50
1:1:100
2:2:100
1:1:150
1:1:200
1:1:250
1:1:300
1:1:50
1:1:100
1:1:200
0.26
Ω
0.40
Ω
0.74
Ω
1.50
Ω
2.00
Ω
2.90
Ω
4.80
Ω
74.50
Ω
10.70
Ω
0.74
Ω
1.50
Ω
4.80
Ω
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
30Amps
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
AC3000Vrms
Reference Current
Pri. lpk
HI-POT(Pri.-Sec.)
(50/60Hz)
TYPE : CEEH55
TYPE : SCR1021
TYPE : CS1420
D.C.R. Sec.
(Max.)
D.C.R. Sec.
(Max.)
CEEH4D30
Type Name
A903-YMC-002
A903-YMC-003
Parts No.
Inductance(3-4)
Min.
Turns Ratio
2.0mH
1.3mH
1:160
1:130
3.0m
Ω
3.0m
Ω
1-2
3-4
HI-POT
36.2
Ω
26.0
Ω
7.0A
5.5A
500Vrms
500Vrms
D.C.R.
(Max.)
Rated current
TYPE : CEE4D30
/ 仕様
型名
品名
巻数比
インダクタンス(1-3)
直流抵抗
電流値
絶縁耐圧
絶縁耐圧
定格電流
絶縁耐圧
型名
品名
巻数比
結線図
型名
品名
巻数比
参考電流値
直流抵抗
直流抵抗
型名
品名
巻数比
インダクタンス(3-4)
直流抵抗
定格電流
絶縁耐圧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com