Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS952011 Datasheet HTML 5Page - Renesas Technology Corp ICS952011 Datasheet HTML 6Page - Renesas Technology Corp ICS952011 Datasheet HTML 7Page - Renesas Technology Corp ICS952011 Datasheet HTML 8Page - Renesas Technology Corp ICS952011 Datasheet HTML 9Page - Renesas Technology Corp ICS952011 Datasheet HTML 10Page - Renesas Technology Corp ICS952011 Datasheet HTML 11Page - Renesas Technology Corp ICS952011 Datasheet HTML 12Page - Renesas Technology Corp ICS952011 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Table1: QuadRom Frequency Selection Table (Continued)
B24
B24
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
SDR
AGP
PCI
ZCLK
Bit6
Bit5
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
01
000
0
0
100.00
100.00
66.66
33.33
80.00
01
000
0
1
100.00
133.33
66.66
33.33
80.00
01
000
1
0
100.00
200.00
66.66
33.33
80.00
01
000
1
1
100.00
166.67
66.66
33.33
80.00
01
001
0
0
133.33
100.00
66.66
33.33
80.00
01
001
0
1
133.33
133.33
66.66
33.33
80.00
01
001
1
0
133.33
200.00
66.66
33.33
80.00
01
001
1
1
133.33
166.67
66.66
33.33
80.00
01
010
0
0
200.00
100.00
66.66
33.33
80.00
01
010
0
1
200.00
133.33
66.66
33.33
80.00
01
010
1
0
200.00
200.00
66.66
33.33
80.00
01
010
1
1
200.00
160.00
66.66
33.33
80.00
01
011
0
0
166.66
100.00
66.66
33.33
80.00
01
011
0
1
166.67
133.33
66.66
33.33
80.00
01
011
1
0
160.00
200.00
66.66
33.33
80.00
01
011
1
1
166.67
166.67
66.66
33.33
80.00
01
100
0
0
100.00
100.00
66.66
33.33
100.00
01
100
0
1
100.00
133.33
66.66
33.33
100.00
01
100
1
0
100.00
200.00
66.66
33.33
100.00
01
100
1
1
100.00
166.67
66.66
33.33
100.00
01
101
0
0
133.33
100.00
66.66
33.33
100.00
01
101
0
1
133.33
133.33
66.66
33.33
100.00
01
101
1
0
133.33
200.00
66.66
33.33
100.00
01
101
1
1
133.33
166.67
66.66
33.33
100.00
01
100
0
0
200.00
100.00
66.66
33.33
100.00
01
100
0
1
200.00
133.33
66.66
33.33
100.00
01
100
1
0
200.00
200.00
66.66
33.33
100.00
01
100
1
1
200.00
160.00
66.66
33.33
100.00
01
111
0
0
166.66
100.00
66.66
33.33
100.00
01
111
0
1
166.67
133.33
66.66
33.33
100.00
01
111
1
0
160.00
200.00
66.66
33.33
100.00
01
111
1
1
166.67
166.67
66.66
33.33
100.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com