Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS952011 Datasheet HTML 12Page - Renesas Technology Corp ICS952011 Datasheet HTML 13Page - Renesas Technology Corp ICS952011 Datasheet HTML 14Page - Renesas Technology Corp ICS952011 Datasheet HTML 15Page - Renesas Technology Corp ICS952011 Datasheet HTML 16Page - Renesas Technology Corp ICS952011 Datasheet HTML 17Page - Renesas Technology Corp ICS952011 Datasheet HTML 18Page - Renesas Technology Corp ICS952011 Datasheet HTML 19Page - Renesas Technology Corp ICS952011 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
SDDiv3
RW
X
Bit 6
SDDiv2
RW
X
Bit 5
SDDiv1
RW
X
Bit 4
SDDiv0
RW
X
Bit 3
CPU Div3
RW
X
Bit 2
CPU Div2
RW
X
Bit 1
CPU Div1
RW
X
Bit 0
CPU Div0
RW
X
01
Type
PWD
-
SD divider ratio can be
configured via these 4
bits individually.
See Table 4: Divider Ratio
Combination Table
-
-
-
Byte 15
Pin #
Name
-
CPU divider ratio can be
configured via these 4
bits individually.
See Table 4: Divider Ratio
Combination Table
-
-
-
Table 4: CPU, SDR Divider Ratio Combination Table
Bit
0001
1011
MSB
1
248
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
7
0111
14
1011
28
1111
56
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Divider (3:2)
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
X
Bit 6
Reserved
Reserved
RW
-
-
X
Bit 5
Reserved
Reserved
RW
-
-
X
Bit 4
Reserved
Reserved
RW
-
-
X
Bit 3
Reserved
Reserved
RW
-
-
X
Bit 2
Reserved
Reserved
RW
-
-
X
Bit 1
Reserved
Reserved
RW
-
-
X
Bit 0
Reserved
Reserved
RW
-
-
X
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
X
Bit 6
Reserved
Reserved
RW
-
-
X
Bit 5
SDINV
SD Phase Invert
RW
Default
Inverse
X
Bit 4
CPUINV
CPU Phase Invert
RW
Default
Inverse
X
Bit 3
Reserved
Reserved
RW
-
-
X
Bit 2
Reserved
Reserved
RW
-
-
X
Bit 1
Reserved
Reserved
RW
-
-
X
Bit 0
Reserved
Reserved
RW
-
-
X
PWD
-
-
-
Type
0
1
-
Byte 16
Pin #
Name
-
-
-
-
0
1
PWD
-
Byte 17
Pin #
Name
Type
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com