Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS952011 Datasheet HTML 7Page - Renesas Technology Corp ICS952011 Datasheet HTML 8Page - Renesas Technology Corp ICS952011 Datasheet HTML 9Page - Renesas Technology Corp ICS952011 Datasheet HTML 10Page - Renesas Technology Corp ICS952011 Datasheet HTML 11Page - Renesas Technology Corp ICS952011 Datasheet HTML 12Page - Renesas Technology Corp ICS952011 Datasheet HTML 13Page - Renesas Technology Corp ICS952011 Datasheet HTML 14Page - Renesas Technology Corp ICS952011 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Byte1 (7:0)
Hex
VCO Freq
AGP Freq
PCI Freq
26
360.34
60.06
30.03
27
361.53
60.26
30.13
28
362.73
60.45
30.23
29
363.92
60.65
30.33
2A
365.11
60.85
30.43
2B
366.31
61.05
30.53
2C
367.50
61.25
30.62
2D
368.69
61.45
30.72
2E
369.89
61.65
30.82
2F
371.08
61.85
30.92
30
372.27
62.05
31.02
31
373.47
62.24
31.12
32
374.66
62.44
31.22
33
375.85
62.64
31.32
34
377.05
62.84
31.42
35
378.24
63.04
31.52
36
379.43
63.24
31.62
37
380.62
63.44
31.72
38
381.82
63.64
31.82
39
383.01
63.84
31.92
3A
384.20
64.03
32.02
3B
385.40
64.23
32.12
3C
386.59
64.43
32.22
3D
387.78
64.63
32.32
3E
388.98
64.83
32.41
3F
390.17
65.03
32.51
40
391.36
65.23
32.61
41
392.56
65.43
32.71
42
393.75
65.62
32.81
43
394.94
65.82
32.91
44
396.14
66.02
33.01
45
397.33
66.22
33.11
46
398.52
66.42
33.21
47
399.72
66.62
33.31
48
400.91
66.82
33.41
49
402.10
67.02
33.51
4A
403.30
67.22
33.61
4B
404.49
67.41
33.71
Byte1 (7:0)
Hex
VCO Freq
AGP Freq
PCI Freq
4C
405.68
67.61
33.81
4D
406.87
67.81
33.91
4E
408.07
68.01
34.01
4F
409.26
68.21
34.11
50
410.45
68.41
34.20
51
411.65
68.61
34.30
52
412.84
68.81
34.40
53
414.03
69.01
34.50
54
415.23
69.20
34.60
55
416.42
69.40
34.70
56
417.61
69.60
34.80
57
418.81
69.80
34.90
58
420.00
70.00
35.00
59
421.19
70.20
35.10
5A
422.39
70.40
35.20
5B
423.58
70.60
35.30
5C
424.77
70.80
35.40
5D
425.97
70.99
35.50
5E
427.16
71.19
35.60
5F
428.35
71.39
35.70
60
429.55
71.59
35.80
61
430.74
71.79
35.89
62
431.93
71.99
35.99
63
433.12
72.19
36.09
64
434.32
72.39
36.19
65
435.51
72.59
36.29
66
436.70
72.78
36.39
67
437.90
72.98
36.49
68
439.09
73.18
36.59
69
440.28
73.38
36.69
6A
441.48
73.58
36.79
6B
442.67
73.78
36.89
6C
443.86
73.98
36.99
6D
445.06
74.18
37.09
6E
446.25
74.37
37.19
6F
447.44
74.57
37.29
70
448.64
74.77
37.39
71
449.83
74.97
37.49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com