Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS952011 Datasheet HTML 15Page - Renesas Technology Corp ICS952011 Datasheet HTML 16Page - Renesas Technology Corp ICS952011 Datasheet HTML 17Page - Renesas Technology Corp ICS952011 Datasheet HTML 18Page - Renesas Technology Corp ICS952011 Datasheet HTML 19Page - Renesas Technology Corp ICS952011 Datasheet HTML 20Page - Renesas Technology Corp ICS952011 Datasheet HTML 21Page - Renesas Technology Corp ICS952011 Datasheet HTML 22Page - Renesas Technology Corp ICS952011 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Table2: Spread Spectrum Select Table
SS1
SS0
(Byte 24 bit 2)
(Byte 24 bit 1)
0
0
OFF
0.35%
0.40%
0
1
OFF
0.50%
0.55%
1
0
0.22%
0.75%
0.80%
1
1
0.48%
1.00%
1.00%
QuadRom Sec1&3 b(6:5,FS3
Byte4:bit7) = 000, 100
QuadRom Sec1&3 b(6:5,FS3
Byte4:bit7) = 001, 101
QuadRom Sec2&4
b(6:3) = 0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com