Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS952011 Datasheet HTML 1Page - Renesas Technology Corp ICS952011 Datasheet HTML 2Page - Renesas Technology Corp ICS952011 Datasheet HTML 3Page - Renesas Technology Corp ICS952011 Datasheet HTML 4Page - Renesas Technology Corp ICS952011 Datasheet HTML 5Page - Renesas Technology Corp ICS952011 Datasheet HTML 6Page - Renesas Technology Corp ICS952011 Datasheet HTML 7Page - Renesas Technology Corp ICS952011 Datasheet HTML 8Page - Renesas Technology Corp ICS952011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
The ICS952011 is a two chip clock solution for desktop designs using SIS 645/645DX/648/650 style chipsets. When used with
a zero delay buffer such as the ICS9179-16 for PC133 or the ICS93735 for DDR applications it provides all the necessary
clocks signals for such a system.
The ICS952011 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). ICS is the
first to introduce a whole product line which offers full programmability and flexibility on a single clock device. Employing the
use of a serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the
output divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. TCH also incorporates ICS's Watchdog Timer technology and a reset feature to provide a safe setting
under unstable system conditions. M/N control can configure output frequency with resolution up to 0.1MHz increment.
General Description
Block Diagram
Power Groups
CPUCLKT (1:0)
AGPCLK (1:0)
SDRAM_OUT
PCICLK (6:0)
PCICLKF (1:0)
I REF
ZCLK (1:0)
CPUCLKC (1:0)
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
12_48MHz
24_48MHz
X1
X2
XTAL
VTTPWR_GND/PD#
FS (4:0)
CPU_STOP#
PCI_STOP#
MODE 0
SEL12_48#
SEL24_48#
Control
Logic
REF (2:0)
VDD
GND
1
5
REF Output, Crystal
11
8
Hyper ZCLK outputs
28
25
12/24/48MHz, Fix Analog, Fix Digital
29
32
AGP outputs
36
37
CPU PLL, CPU Analog, MCLK
42
41
CPU_T/C outputs
48
46
SDRAM_Out
Pin Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com