Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS952011 Datasheet HTML 1Page - Renesas Technology Corp ICS952011 Datasheet HTML 2Page - Renesas Technology Corp ICS952011 Datasheet HTML 3Page - Renesas Technology Corp ICS952011 Datasheet HTML 4Page - Renesas Technology Corp ICS952011 Datasheet HTML 5Page - Renesas Technology Corp ICS952011 Datasheet HTML 6Page - Renesas Technology Corp ICS952011 Datasheet HTML 7Page - Renesas Technology Corp ICS952011 Datasheet HTML 8Page - Renesas Technology Corp ICS952011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Pin Configuration
Recommended Application:
SIS 645/645DX/648/650 style chipsets.
Output Features:
•
2 - Pairs of differential CPUCLKs (differential current mode)
•
1 - SDRAM @ 3.3V
•
9 - PCI @3.3V (including 2 free-running)
•
2 - AGP @ 3.3V
•
2 - ZCLKs @ 3.3V
•
1- 12/48MHZ @ 3.3V
•
1- 24/48MHz, @3.3V selectable by I
2C
•
3- REF @3.3V, 14.318MHz.
Key Specifications:
•
PCI - PCI output skew: < 500ps
•
CPU - SDRAM output skew: < 1ns
•
AGP - AGP output skew: <150ps
Programmable Timing Control Hub™ for P4™ processor
Functionality
Features/Benefits:
•
Selectable asynchronous/synchronous AGP, ZCLK and
PCI outputs
•
Supports DDR333 OEM frequencies
•
Programmable output frequency, divider ratios, output
rise/falltime, output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
For PC133 SDRAM system use the ICS9179-16 as the
memory buffer.
•
For DDR SDRAM system use the ICS93735 or
ICS93732 as the memory buffer.
•
Uses external 14.318MHz crystal.
VDDREF 1
48 VDDSDR
**FS0/REF0 2
47 SDRAM_OUT
**FS1/REF1 3
46 GND
**FS2/REF2 4
45 CPU_STOP#(PD#)*
GNDREF 5
44 CPUCLKT1
X1 6
43 CPUCLKC1
X2 7
42 VDDCPU
GNDZ 8
41 GNDCPU
ZCLK0 9
40 CPUCLKT0
ZCLK1 10
39 CPUCLKC0
VDDZ 11
38 IREF
*(PCI_STOP#)PCICLK6 12
37 GND
VDDPCI 13
36 VDDA
**FS3/PCICLK_F0 14
35 SCLK
**FS4/PCICLK_F1 15
34 SDATA
*MODE0/PCICLK0 16
33 Vtt_PwrGd/PD#(CPUSTOP#)*
PCICLK1 17
32 GNDAGP
GNDPCI 18
31 AGPCLK0
VDDPCI 19
30 AGPCLK1
PCICLK2 20
29 VDDAGP
PCICLK3 21
28 VDD48
PCICLK4 22
27 12_48MHz/SEL12_48#**
PCICLK5 23
26 24_48MHz/SEL24_48#*~
GNDPCI 24
25 GND48
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
~ This output has 1.5X drive strength
Bit2
Bit7
Bit6
Bit5
Bit4
CPU
SDR
AGP
PCI
ZCLK
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
0
0
0
0
0
100.20
100.20
66.80
33.40
66.80
0
0
0
0
1
100.20
133.60
66.80
33.40
66.80
0
0
0
1
0
100.20
200.40
66.80
33.40
66.80
0
0
0
1
1
100.20
167.00
66.80
33.40
66.80
0
0
1
0
0
133.60
100.20
66.80
33.40
66.80
0
0
1
0
1
133.60
133.60
66.80
33.40
66.80
0
0
1
1
0
133.60
200.40
66.80
33.40
66.80
0
0
1
1
1
133.60
167.00
66.80
33.40
66.80
0
1
0
0
0
200.05
100.03
66.68
33.34
66.68
0
1
0
0
1
200.05
133.37
66.68
33.34
66.68
0
1
0
1
0
200.05
200.05
66.68
33.34
66.68
0
1
0
1
1
200.05
160.04
66.68
33.34
66.68
0
1
1
0
0
166.70
100.20
66.68
33.40
66.68
0
1
1
0
1
166.70
133.36
66.80
33.40
66.80
0
1
1
1
0
160.04
200.05
66.68
33.34
66.68
0
1
1
1
1
166.70
166.70
66.68
33.34
66.68
1
0
0
0
0
100.20
100.20
66.80
33.40
133.60
1
0
0
0
1
100.20
133.60
66.80
33.40
133.60
1
0
0
1
0
100.20
200.40
66.80
33.40
133.60
1
0
0
1
1
100.20
167.00
66.80
33.40
133.60
1
0
1
0
0
133.60
100.20
66.80
33.40
133.60
1
0
1
0
1
133.60
133.60
66.80
33.40
133.60
1
0
1
1
0
133.60
200.40
66.80
33.40
133.60
1
0
1
1
1
133.60
167.00
66.80
33.40
133.60
1
1
0
0
0
200.05
100.03
66.68
33.34
133.37
1
1
0
0
1
200.05
133.37
66.68
33.34
133.37
1
1
0
1
0
200.05
200.05
66.68
33.34
133.37
1
1
0
1
1
200.05
160.04
66.68
33.34
133.37
1
1
1
0
0
166.70
100.20
66.68
33.40
133.60
1
1
1
0
1
166.70
133.36
66.80
33.40
133.60
1
1
1
1
0
160.04
200.05
66.68
33.34
133.37
1
1
1
1
1
166.70
166.70
66.68
33.34
133.37


Similar Part No. - ICS952011

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
ICS952011YFT ICST-ICS952011YFT Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
More results

Similar Description - ICS952011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com