Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS952011
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952011 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS952011 Datasheet HTML 13Page - Renesas Technology Corp ICS952011 Datasheet HTML 14Page - Renesas Technology Corp ICS952011 Datasheet HTML 15Page - Renesas Technology Corp ICS952011 Datasheet HTML 16Page - Renesas Technology Corp ICS952011 Datasheet HTML 17Page - Renesas Technology Corp ICS952011 Datasheet HTML 18Page - Renesas Technology Corp ICS952011 Datasheet HTML 19Page - Renesas Technology Corp ICS952011 Datasheet HTML 20Page - Renesas Technology Corp ICS952011 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
CPUSkw1
RW
1
Bit 6
CPUSkw0
RW
1
Bit 5
SDSkw1
RW
0
Bit 4
SDSkw0
RW
0
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
ZCLKSkw1
RW
0
Bit 6
ZCLKSkw0
RW
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
AGPSkw1
RW
0
Bit 2
AGPSkw0
RW
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
PCI_FSkw1
RW
0
Bit 6
PCI_FSkw0
RW
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
PCISkw1
RW
0
Bit 2
PCISkw0
RW
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
Pin #
PWD
-
-
-
Name
Type
0
1
CPU-CPU Skew Control
CPU-SD Skew Control
-
Byte 18
01
-
-
-
-
See Table 5: 4-Steps Skew
Programming Table
See Table 5: 4-Steps Skew
Programming Table
-
Byte 19
Pin #
Name
PWD
-
-
-
Type
See Table 5: 4-Steps Skew
Programming Table
-
-
-
-
PWD
-
Byte 20
Pin #
Name
Type
-
-
01
-
-
-
-
-
See Table 5: 4-Steps Skew
Programming Table
See Table 5: 4-Steps Skew
Programming Table
See Table 5: 4-Steps Skew
Programming Table
CPU-ZCLK Skew Control
CPU-AGP Skew Control
CPU-PCI_F Skew
Control
CPU-PCI Skew Control
Table 5: 4-Steps Skew Programming Table
4 Step
0
1
LSB
0
0ps
250ps
-
1
500ps
750ps
-
MSB
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com