Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 25Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 26Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 27Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 28Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 29Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 30Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 31Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 32Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
16 Reference Clock
The differential reference clock (REF_CLK+/-) is used to generate the sRIO PHY and internal clocks used in the CPS-10Q. This is a CML-based differ-
ential input.
Reference Clock Electrical Specifications
The reference clock is 156.25 MHz, and is AC-coupled with the following electrical specifications:
Figure 18 REF_CLK Representative Circuit
The reference clock wander should not be more than 100ppm (for 156.25 MHz, this is +/-15.625 KHz). This requirement comes from the sRIO specifi-
cation that outgoing signals from separate links which belong to the same port should not be separated more than 100ppm. We recommend the
following device as reference clock device: ICS843001I-23 LVPECL, ICS8416641, ICS843256, ICS 87949, etc. Please contact IDT technical support
for further clock support.
Note that the series capacitors are discrete that must be placed external to the device’s receivers. All other elements are associated with the input
structure internal to the device. VBIAS is generated internally.
Name
Description
Min
Nom
Max
Units
REF_CLK
REF_CLK clock running at 156.25Mhz
-100
__
+100
ppm
Phase Jitter (rms)
Phase Jitter (rms) (1MHz - 20MHz)
__
__
2ps
tDUTY_REF
REF_CLK duty cycle
40
50
60
%
tRCLK/tFCLK
Input signal rise/fall time (20%-80%)
200
500
650
ps
vIN_CML
Differential peak-peak REF_CLK input swing
400
__
2400
mV
RL_CLK
Input termination resistance
40
50
60
ohm
LI_CLK
Input inductance
__
__
4nH
CI_CLK
Input capacitance
__
__
5pF
Table 28 Input Reference Clock Jitter Specifications
5686 drw07
REF_CLK_P
REF_CLK_N
REF_CLK
LI,CLK
CI,CLK
VBIAS,CLK
LI,CLK
CI,CLK
RL,CLK
RL,CLK
+
-
Internal
External
to Device
to Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com