Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 32Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 33Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 34Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 35Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 36Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 37Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 38Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 39Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
EXTEST
The external test (EXTEST) instruction is used to control the boundary scan register, once it has been initialized using the SAMPLE/PRELOAD
instruction. Using EXTEST, the user can then sample inputs from or load values onto the external pins of the CPS-10Q. Once this instruction is
selected, the user then uses the SHIFT-DR TAP controller state to shift values into the boundary scan chain. When the TAP controller passes through
the UPDATE-DR state, these values will be latched onto the output pins or into the output enables.
SAMPLE/PRELOAD
The sample/preload instruction has a dual use. The primary use of this instruction is for preloading the boundary scan register prior to enabling the
EXTEST instruction. Failure to preload will result in unknown random data being driven onto the output pins when EXTEST is selected. The secondary
function of SAMPLE/PRELOAD is for sampling the system state at a particular moment.
BYPASS
The BYPASS instruction is used to truncate the boundary scan register to a single bit in length. During system level use of the JTAG, the boundary
scan chains of all the devices on the board are connected in series. In order to facilitate rapid testing of a given device, all other devices are put into
BYPASS mode. Therefore, instead of having to shift 140 times to get a value through the CPS-10Q, the user only needs to shift one time to get the
value from TDI to TDO. When the TAP controller passes through the CAPTURE-DR state, the value in the BYPASS register is updated to be 0.
If the device being used does not have an IDCODE register, then the BYPASS instruction will automatically be selected into the instruction register
whenever the TAP controller is reset. Therefore, the first value that will be shifted out of a device without an IDCODE register is always 0. Devices
such as the CPS-10Q that include an IDCODE register will automatically load the IDCODE instruction when the TAP controller is reset, and they will
shift out an initial value of 1. This is done to allow the user to easily distinguish between devices having IDCODE registers and those that do not.
CLAMP
This instruction, listed as optional in the IEEE 1149.1 JTAG Specifications, allows the boundary scan chain outputs to be clamped to fixed values.
When the clamp instruction is issued, the scan chain will bypass the CPS-10Q and pass through to devices further down the scan chain.
IDCODE
The IDCODE instruction is automatically loaded when the TAP controller state machine is reset either by the use of the TRST signal or by the appli-
cation of a ‘1’ on TMS for five or more cycles of TCK as per the IEEE Std 1149.1 specification. The least significant bit of this value must always be 1.
Therefore, if a device has a IDCODE register, it will shift out a 1 on the first shift if it is brought directly to the SHIFT-DR TAP controller state after the
TAP controller is reset. The board- level tester can then examine this bit and determine if the device contains a DEVICE_ID register (the first bit is a 1),
or if the device only contains a BYPASS register (the first bit is 0).
However, even if the device contains an IDCODE register, it must also contain a BYPASS register. The only difference is that the BYPASS register will
not be the default register selected during the TAP controller reset. When the IDCODE instruction is active and the TAP controller is in the Shift-DR
state, the 32-bit value (0x0035E067) will be shifted out of the device-ID register.
Bit(s) Mnemonic
Description
R/W Reset
0
reserved
reserved 0x1
R
1
11:1
Manuf_ID
Manufacturer Identity (11 bits)
IDT
0x33
R0x33
27:12
Part_number
Part Number (16 bits)
This field identifies the part number of the processor derivative.
CPS-10Q = 0x035E
Rimpl.
dep.
31:28
Version
Version (4 bits)
This field identifies the version number of the processor deriva-
tive.
CPS-10Q = 0x0035E067
Rimpl.
dep.
Table 31 System Controller Device Identification Register
Version
Part Number
Vendor ID
LSB
0000
0000|0011|0101|1110
0000|0110|011
1
Table 32 System Controller Device ID Instruction Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com