Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 36Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 37Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 38Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 39Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 40Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 41Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 42Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 43Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
40 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
At recommended operating conditions with VDD3 = 2.5V ± 100mV
JTAG AC Electrical Specifications(2,3,4)
Notes:
1. Guaranteed by design.
2. Refer to AC Electrical Test Conditions stated earlier in this document.
3. JTAG operations occur at one speed (10MHz). The base device may run at any speed specified in this datasheet.
Parameter
Symbol
Min
Max
Unit
Input high voltage level
VIH
1.7
VDD3(max) + 0.1
V
Input low voltage level
VIL
-0.3
0.7
V
Output high voltage (IOH = -2mA, VDD3 = Min.)
VOH
2.0
-
V
Output low voltage (IOL = 2mA, VDD3 = Min.)
VOL
-0.4
V
Input current for JTAG pins (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (max))
ILI
-30
30
uA
Capacitance for each Input pin
CIN
-8
pF
Capacitance for each I/O or Output pin
COUT
-10
pF
Table 35 JTAG DC Electrical Specifications (VDD3 = 2.5V ± 100mV )
Symbol
Parameter
Min.
Max.
Units
tJCYC
JTAG Clock Input Period
0
25
MHz
tJCH
JTAG Clock HIGH
16
-
ns
tJCL
JTAG Clock LOW
16
-
ns
tJR
JTAG Clock Rise Time
-
3(1)
ns
tJF
JTAG Clock Fall Time
-
3(1)
ns
tJRST
JTAG Reset
50
-
ns
tJRSR
JTAG Reset Recovery
50
-
ns
tJCD
JTAG Data Output
-
25
ns
tJDC
JTAG Data Output Hold
0
-
ns
tJS
JTAG Setup
15
-
ns
tJH
JTAG Hold
15
-
ns
Table 36 JTAG AC Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com