Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 8Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 9Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 10Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
11.2 Sustained Per-Port Throughput (Typical)
Notes:
1. Values are guaranteed by characterization, but are not production tested.
2. Throughput values are for 8bit destination ID packet, Header + Pay Load + CRC. The (Header + CRC) size changes depending on payload size. For payloads less
then 80 Bytes, the (Header + CRC) is 12 bytes. For payloads bigger than 80 Bytes, the (Header + CRC) is 14 bytes.
3. As payload size increases, the physical layer control symbols (sRIO required overhead) become a smaller percentage of the overall per-port throughput figure. The
physical layer symbols include one SoP and one EoP for every packet. There is a status control symbol for every 1024 transmitted code-group as well as synchro-
nization sequences required by sRIO. For two way traffic, packet acknowledgment control symbols will occur between the packets.
11.3 Data Packet Latency in “Store-and-Forward” Mode (Typical)
Notes:
1. Values are guaranteed by characterization, but are not production tested.
2. For those specifications associated with an sRIO transaction, it should be noted that the upper limit to a specification may be dictated by sRIO priority handling. For
example, a maintenance read packet having lower priority may be held off until higher priority packets in queue are serviced. The user should take into consider-
ation this additional priority-induced delay when examining these specifications. I2C and JTAG transactions are always deterministic and follow these specifications
identically.
3. Switch latency is a statistical function, which typically increases with increased traffic loading on the switch. Values shown in Table 6 are typical for single input port
to single output port with matching input and output port rates in “Store-and-Forward” mode, no other switch loading. The switch latency in “Store-and-Forward”
packet forward methodology is also a strong function of port rate. For specific values under other specific application usage scenarios and traffic conditions, please
contact IDT technical support.
Pay Load Size
1.25GHz
2.5GHz
3.125GHz
1X
4X
1X
4X
1X
4X
16 Byte
0.70 G
2.33 G
1.38 G
4.42 G
1.93 G
4.67
32 Byte
0.79 G
2.4 G
1.57 G
5.48 G
2.1 G
5.89
64 Byte
0.86 G
2.92 G
1.73 G
6.32 G
2.24 G
7.02 G
128 Byte
0.94 G
3.38 G
1.87 G
6.76 G
2.28 G
8.19 G
256 Byte
0.97 G
3.66 G
1.93 G
7.30 G
2.39 G
8.93 G
Table 5 Sustained Per-Port Throughput (Typical)
Pay Load Size
1.25GHz
2.5GHz
3.125GHz
1X
4X
1X
4X
1X
4X
8 Byte
454 ns
328 ns
271 ns
228 ns
240 ns
211 ns
16 Byte
518 ns
348 ns
304 ns
234 ns
266 ns
216 ns
32 Byte
646 ns
380 ns
367 ns
246 ns
316 ns
227 ns
64 Byte
905 ns
441 ns
493 ns
271 ns
419 ns
253 ns
128 Byte
1449 ns
580 ns
770 ns
336 ns
641 ns
307 ns
256 Byte
2473 ns
833 ns
1282 ns
457 ns
1049 ns
409 ns
Multicast Event
Control Symbol
126 ns
115 ns
66 ns
60 ns
55 ns
49 ns
Table 6 Switch Latency Table (Store-and-Forward Mode, Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com