Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 7Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 8Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 9Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 10Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
11 Device Performance Figures
11.1 Performance Figures
The following table lists the CPS-10Q’s performance figures. Figures provided here are guaranteed by design and characterization, but are not
production tested.
Notes:
1. Values are guaranteed by characterization, but are not production tested.
2. For those specifications associated with an sRIO transaction, it should be noted that the upper limit to a specification may be dictated by sRIO priority handling. For
example, a maintenance read packet having lower priority may be held off until higher priority packets in queue are serviced. The user should take into consideration
this additional priority-induced delay when examining these specifications. I2C and JTAG configuration register access transactions are always deterministic and
follow these specifications identically.
3. “Cycles” refer to internal core clock cycles which are two times the external reference clock (REF_CLK) frequency = 312.5 MHz.
Description
Min
Typ
Max
Units
Comments
Throughput (Peak)
__
__
100
Gbps
Throughput (Sustained)
__
80
__
Gbps
Value shown is for device configured for 10 4X ports, each run-
ning at 3.125Gbps, 276 byte packets at priority 0. Please contact
IDT technical support for figures related to a specific usage case
and traffic conditions.
Per Port throughput (Peak)
__
__
10
Gbps
Value shown is for device configured for each port with 4X
3.125G mode. The sustained throughput is shown in other table
below.
Switch Latency Jitter (70% switch load)(2)
__
60
__-ns
Latency Jitter for the switch lock is the sum of the Physical layer
jitter plus one maintenance packet of contention delay for a
given output port. Worst case for the physical layer is the jitter
caused by the port sync process. This requires 6 32-bit control
symbols plus 2 cycle times the port rate. The figures shown here
are for priority 2 packets under 70% switch loading with an even
mix of packets of each priority. It assumes that no maintenance
packets contend on the output port.
Soft Reset to Receipt of Valid Packets
__
__
26
us
This includes reset time as well as link establishment.
Hard Reset to Receipt of Valid Packets
__
__
26
us
This includes reset time as well as link establishment.
Multicast Map Update Delay
25
__
2000
cycles(3)
Table 4 80KSW0005 Performance Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com