Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 10Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 14Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 15Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
12 Power Figures
Typical power draw for the 80KSW0005 is approximately 5.3W total for all ports enabled as 10 4x @ 3.125G under 50% switch load. The following
table provides power figures on a per-block basis. An estimate of the device power figure for a given application usage can be determined by using the
“CPS-10Q Power Calculator” modeling tool.
Condition: VDD = 1.2V, VDDS = 1.2V, VDDA = 1.2V, VDD3 = 3.3V @ Room temperature 25oC
Description
Typical
Units
Supply
Comments
Serdes 1x @ 1.25G
66, 33
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 2.5G
78, 36
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 3.125G
82, 49
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
Serdes 4x @ 1.25G
149, 226
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 2.5G
178, 82
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 3.125G
187, 110
mW
VDDS, VDDA
Analog SerDes power consumption (
VDDS and VDDA). This does not
include the sRIO quad power consumption.
JTAG Block Enable
100
mW
VDD3
Configuration Register Access only. Max interface speed(10MHz).
I2C Block Enable
86
mW
VDD3
Configuration Register Access only. Max interface speed (400KHz).
Quiescent Power
1700
mW
VDD
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
86
mW
VDD3
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
75, 47
mW
VDDS, VDDA Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Reset Power
15
mW
VDD
Peak power during RESET of the device.
Reset Power
32
mW
VDD3
Peak power during RESET of the device.
Reset Power
8, 39
mW
VDDS, VDDA Peak power during RESET of the device.
Standby Power @1.25G
2000
mW
VDD
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @1.25G
86
mW
VDD3
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @1.25G
1700, 1000
mW
VDDS, VDDA Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @2.5G
2200
mW
VDD
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @2.5G
86
mW
VDD3
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @2.5G
2000, 1000
mW
VDDS, VDDA Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @3.125G
2200
mW
VDD
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @3.125G
86
mW
VDD3
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @3.125G
2200, 1300
mW
VDDS, VDDA Part powered up, reset, all links up (reset configuration), no traffic
Peak sustained Power
2500
mW
VDD
All sRIO ports enabled at maximum speed, maximum traffic to the switch.
Peak sustained Power
100
mW
VDD3
All sRIO ports enabled at maximum speed, maximum traffic to the switch.
Peak sustained Power
2300, 1500
mW
VDDS, VDDA All sRIO ports enabled at maximum speed, maximum traffic to the switch
Table 10 Typical Power Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com