Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005BRI Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 16Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 19Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 20Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 21Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 22Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 23Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
I2C AC Electrical Specifications
Notes:
1. For more information, see the I 2C-Bus specification by Philips Semiconductor [1].
2. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL signal) to bridge the undefined region of the falling
edge of SCL.
3. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
4. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU;DAT > 250 ns must then be met. This will automatically be the
case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit
to the SDA line tRMAX + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus specification) before the SCL line is released.
I2C Timing Waveforms
Figure 12 I2C Timing Waveforms
Signal
Symbol Reference
Edge
Standard
Mode
Fast
Mode
Unit
Min Max Min Max
I2C(1,4)
SCL
fSCL
none
0
100
0
400
kHz
tHD;STA
4.0
—
0.6
—
us
tR
—
1000
—
300
us
tF
—
300
—
300
us
SDA(2,3)
tSV;DAT
SCL rising
250
—
100
—
us
tHD;DAT
03.45
0
0.9
us
tR
—
1000
10
300
us
tF
—
300
10
300
us
Start or repeated start
condition
tSU;STA
SDA falling
4.7
—
0.6
—
us
tSU;STO
4.0
—
0.6
—
us
Stop condition
tSU;STO
SDA rising
4.0
—
0.6
—
us
Bus free time between a
stop and start condition
tBUF
4.7
—
1.3
—
us
Capacitive load for each
bus line
CB
—
400
—
400
pF
Table 14 Specifications of the SDA and SCL Bus Lines for F/S-mode I2C -bus Devices
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHD;DAT
tHIGH
tHD;STA
tLOW
SDA
SCL
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com