Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. AS108 Datasheet HTML 10Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Synchronization I/O
Internal 10 MHz reference output
BNC(f) 50 Ω
−3 dBm minimum
0 dBm typical
Into 50 Ω
External reference input
BNC(f) 50 Ω
−6 dBm sensitivity
6 dBm maximum
External reference lock range
±5 ppm
Trigger input threshold voltage
BNC(f) 1 kΩ
0.5 V minimum
2.6 V maximum
Trigger output logic levels
BNC(f)
Low 0.5 V maximum
High 3.6 V minimum
Into 1 kΩ
Low 0.2 V maximum
High 1.2 V minimum
Into 50 Ω
Trigger output rise and fall times
40 ns maximum
Into 50 Ω
Trigger in to trigger out delay
0.5 ± 0.1 µs
Gives a lead of 17.5 µs to
frequency / phase step, 37.5 µs to
a level step.
Trigger out to triggered event delay
17.5 µs typical
Frequency or phase step
37.5 µs typical
Level step
Note that dwell period holds off (prevents receipt of) a further trigger
Miscellaneous and environmental specifications
Power requirements
+12 V to +15 V DC, 12 W, 2.1 mm jack, centre pin positive
Control interface
USB 2.0
Dimensions
W 173 mm x L 232 mm x H 56 mm
Excluding connectors
Weight
1.78 kg
Operating environment
+5 °C to +40 °C, 80% RH non-condensing, Pollution Degree 2
Storage environment
−20 °C to +50 °C, 80% RH non-condensing, Pollution Degree 2
Vibration
0.5 g, 5 Hz to 300 Hz
Safety
Declared conforming to:
EN 61010-1:2010 and EN 61010-2-030:2010
Safety requirements for electrical equipment for measurement, control and laboratory use, general requirements and for testing and
measuring circuits.
EMC
Declared conforming to:
EN 61326-1:2013 Electrical equipment for measurement, control and laboratory use - EMC requirements. Group 1, Class B. (Emissions)
EN 61326-1:2013 Electrical equipment for measurement, control and laboratory use - EMC requirements. Basic Environment.
(Immunity)
EN 61326-2-1:2013 Part 2-1: Test configurations, operational conditions and performance criteria for sensitive test and measurement
equipment for unprotected applications.
CFR 47 Code of Federal Regulations FCC: part 15 Subpart B – Frequency devices – unintentional radiators. Radiated emissions
standard. Class A.
Warranty
3 years
ECCN coding
EAR99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com