Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. AS108 Datasheet HTML 10Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Harmonics
−20 dBc maximum
−26 dBc typical
Output power set to +10 dBm
Sub-harmonics
−40 dBc maximum
−46 dBc typical
Output power set to +10 dBm
Spurious
−50 dBc maximum
−60 dBc typical
Output power set to +10 dBm
Sweep, hop and list modes
Sweep, hop or list parameters
Frequency, level, phase, frequency and level, phase and level
Discrete sweep or list points
2 to 10 001 (or 2 to 1750 points when saving power-up settings to device)
Hop is a special case of sweep
with only two points.
Frequency stepping dwell time
27 µs to 65 500 µs (or 27 µs to 1750 µs when saving power-up settings to device)
Excepting any step exceeding
±2.2 GHz to or from the frequency
band 7.0 GHz to 8.0 GHz,
minimum dwell 100 µs.
Modulation
Frequency range internal sine source
10 Hz to 5 kHz
Internal modulation sample rate
37 kS/s
Sampled sideband spurs are
generated at 37 kHz offset.
At 1 kHz modulation typically
< –30 dB relative to sidebands.
Frequency resolution and accuracy
1 Hz resolution ± 0.1% accuracy
AM depth range
For carrier at 0 dBm
5% minimum
90% maximum
0 dBm to 9 dBm
5% minimum
50% maximum
FM deviation
2% carrier frequency or 200 kHz maximum
PM deviation
±180°
External modulation input bandwidth
DC coupled to 10 kHz
External modulation input sampling
AM: 125 kS/s. FM / PM: 89 kS/s at 12-bit resolution.
Sampled sideband spurs are
generated at 125 / 89 kHz offset.
At 1 kHz modulation typically
< –50 dB relative to sidebands.
External modulation input sensitivity
BNC(f) 600 Ω ±1 Vpk typical
for selected depth or deviation
External modulation input protection
±5 V DC + AC peak



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com