Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 7 Page - Pico Technology Ltd.

Back Button AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. AS108 Datasheet HTML 10Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Specifications
General
Standard conditions are ambient temperature of between 15°C and 30°C, 20 minutes after power-up.
Carrier wave
Frequency range
300 kHz to 8.192 GHz
Frequency resolution
300 kHz to 125 MHz
1 Hz
> 125 MHz to 4 GHz
10 Hz
> 4 GHz
20 Hz
Frequency settling time
to ±10 ppm
55 μs maximum
50 μs typical
Frequency accuracy (internal reference)
±5 ppm
Output power range
−15 dBm to +15 dBm
Output power resolution
0.1 dBm
Output power setting accuracy
±1.5 dB
Output match (VSWR)
1.8:1 maximum
1.4:1 typical
Output amplitude settling time
to ±1 dB
25 μs maximum
to ±0.1 dB
200 μs maximum
Output protection
25 V DC peak and 20 dBm
Phase noise at 10 kHz offset
1 GHz
−98 dBc/Hz maximum −100 dBc/Hz typical
2 GHz
−94 dBc/Hz maximum −96 dBc/Hz typical
4 GHz
−88 dBc/Hz maximum −90 dBc/Hz typical
8 GHz
−83 dBc/Hz maximum −85 dBc/Hz typical
Measured phase noise at 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com