Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  AS108 Datasheet HTML 1Page - Pico Technology Ltd. AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8 GHz Agile Synthesizer
PicoSource® AS108
300 kHz to 8 GHz operation
−15 dBm to +15 dBm dynamic range
Fast 55 μs frequency settling time to 10 ppm
Fast amplitude settling: < 25 μs to 1 dB and < 200 μs to 0.1 dB
Sweep, hop and list frequency and level or list phase and level
−100 dBc/Hz phase noise typical at 1 GHz and 10 kHz offset
FM, PM and AM modulation, internal sine or external input
Configurable stand-alone operation mode
External reference clock I/O and trigger I/O
Compact, portable and 12 to 15 V DC powered
Use sweep lists to emulate schemes such as QPSK, QAM, ASK, FSK
Adjustable dwell and trigger sweep or trigger next point modes
Work in and convert units of measure to suit application
Programming examples for LabVIEW, C, C#, Python, MATLAB
Suited to bench, field and system integration applications
USB-controlled from Windows PC and display or tablet
Touch, mouse, keyboard or remote interface software (API included)
Multi-unit operation with synchronized modulation, sweeps, hops and lists
Professional and portable performance at low cost
www.picotech.com


Similar Part No. - AS108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS100 ETC-AS100 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS100 HOFFMANPRODUCTS-AS100 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Projects Unlimited, Inc...
AS10004PS-R PUI-AS10004PS-R Datasheet
344Kb / 1P
Speaker
AS10004PS-WR-R PUI-AS10004PS-WR-R Datasheet
354Kb / 1P
Speaker
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - AS108

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
8 GHZ FRACTIONAL SYNTHESIZER
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
8 GHz fractional synthesizer
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com