Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  AS108 Datasheet HTML 1Page - Pico Technology Ltd. AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Set up sweeps and hops between two parameter values: start of sweep and end of
sweep (stop). Either can be the higher value. Set the number of points in a sweep
(between 2 and 10,001 points). The dwell time then defines a duration for which each
point in the sweep will be output. PicoSynth calculates and displays the duration of
the whole sweep and the linear step size between each point. A bidirectional sweep
will sweep from the start to stop and back to start in completing a single sweep of
the parameter. A hop is a limited case of sweep in which there are only two parameter
values that are alternately output.
The AS108 can sweep or hop the frequency, level or phase parameter. It can also sweep
or hop two parameters at the same time: frequency and level, or phase and level. This
allows, for instance, a simple linear flatness or loss-compensating profile to be applied
to a sweep or hop, perhaps increasing output level as frequency increases. The example
shown applies a 5 dBm increase in level as the frequency sweeps from 1 GHz to 2 GHz.
Sweeps and hops can be synchronized to external events and instruments using the
external trigger input and output (rear panel BNCs) or software trigger. Trigger occurs at,
or initiates, a sweep start or next point in sweep. This synchronization flexibility can be
of particular value to high-speed system sequencing in, for example, high-speed test.
Sweep or hop parameters
Select sweep or hop mode and type
Single and dual parameter
Frequency start and stop values
Level start and stop values
Set number of sweep points and the
dwell period between them
Resulting step sizes and sweep duration
Synchronize the sweep to a trigger
Internal clock, external input or software trigger sources.
Trigger a sweep or trigger next point in sweep.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com