Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 6 Page - Pico Technology Ltd.

Back Button AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. AS108 Datasheet HTML 10Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
The PicoSource AS108 is supplied with a DLL that allows you to control the device from
C and C-compatible languages and applications such as C++, C#, Python, Keysight VEE,
National Instruments LabVIEW and MathWorks MATLAB.
See the PicoSource AS108 Programmer’s Guide for details.
The “User Interface Demo” device is always available in this list and allows PicoSynth 2
to run for demonstration purposes without a connected device. You can use this mode
to try out the software before buying a device. The software is available for download
and trial at www.picotech.com.
You can control multiple AS108 signal synthesizers from a single PC by running
multiple instances of the PicoSynth 2 software. Each time you start a new instance of
PicoSynth 2, it will list all compatible connected devices that are not yet being controlled.
You can then select any device in the list for connection.
Remote control operation
Demonstration mode
Multiple device operation
Pack contents
Your PicoSource AS108 8 GHz Agile Synthesizer pack contains the following items:
PicoSource AS108 8 GHz Agile Synthesizer
Quick start guide
Inter-series adaptor 18 GHz 50 Ω SMA(f)–N(m)
PicoWrench RF combination wrench
12 V power supply, universal input
USB cable, 1.8 m
Carry case



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com