Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS108 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # AS108
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  AS108 Datasheet HTML 1Page - Pico Technology Ltd. AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Parameter step increment values and
the saving and recall of user settings are
addressed under the Settings tab.
You can also save to the device a modified
or custom power-up setting, allowing the
signal source to power up in a known state
without further connection or control over
USB.
Save, recall and other settings
Arbitrary parameter list
Import a parameter list file to generate
an arbitrary sequence of frequency/
level or phase/level points. The file is in a
straightforward comma-separated values
(CSV) format that you can create using any
text editor or export from a spreadsheet
program.
PicoSynth 2 shows a summary of the file
contents to help you verify that you have
selected the correct file. You can program
the dwell time (time between points) and
trigger mode.
Trigger mode
Internal: run continuously with the
specified dwell time.
External Start: run the whole file,
with the specified dwell time, after
each trigger event.
External Step: generate one point
for each trigger event (ignoring
dwell time setting).
Frequency step size
Used by frequency up/down controls
Level step size
Used by level up/down controls
Phase step size
Used by phase up/down controls



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com