Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 11 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 11 Page - Winbond

Back Button WMS7204 Datasheet HTML 7Page - Winbond WMS7204 Datasheet HTML 8Page - Winbond WMS7204 Datasheet HTML 9Page - Winbond WMS7204 Datasheet HTML 10Page - Winbond WMS7204 Datasheet HTML 11Page - Winbond WMS7204 Datasheet HTML 12Page - Winbond WMS7204 Datasheet HTML 13Page - Winbond WMS7204 Datasheet HTML 14Page - Winbond WMS7204 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WMS7204
Publication Release Date: January 2003
- 11 -
Revision 1.0
7.6. SERIAL DATA INTERFACE
The WMS7204 contains a four-wire SPI interface:
•
SDO (Serial Data Output) Used for reading out the internal register contents and for daisy
chaining multiple devices.
•
SDI (Serial Data Input) Used for clocking in commands and potentiometer settings.
•
CS (Chip Select) This pin must be pulled LOW before starting to send a command and pulled
HIGH to signal the end of the command. This pin can be used to control multiple devices on
the bus.
•
CLK (Clock) The SDI bits are shifted in on the rising edge of the clock and SDO data is
shifted out on the falling edge of the clock.
The key features of this interface include:
•
Independently programmable Read & Write to all registers
•
Direct parallel refresh of all Tap registers from corresponding internal NVMEM registers
•
Increment and decrement instruction for each Tap register
•
Nonvolatile storage of the present Tap register values into one of the four NVMEM registers
available to each channel
•
Configurable output buffer amplifier to allow both the functions of a potentiometer and a
variable resistor
•
Four 9-bit non-volatile registers store four preset wiper positions and the first one will be
recalled to set the wiper position during power up.
The serial interface uses an SPI compatible uniform 24-bit word format as shown below. This format is
used for all members of the WMS720x family. The data is sent MSB first.
TABLE 2 – 24-BIT DATA WORD FORMAT
MSB
LSB
C3
C2
C1
C0
A3
A2
A1
A0
X
X
X
X
X
X
X
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3-C0 are the command bits that control the operation of the digital potentiometer according to the
command instructions shown in the Instruction Set in Table 5 in Section 7.7.
A1 and A0 are the address bits that determine which channel is activated, as shown in the table
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com