Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 16 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 16 Page - Winbond

Back Button WMS7204 Datasheet HTML 12Page - Winbond WMS7204 Datasheet HTML 13Page - Winbond WMS7204 Datasheet HTML 14Page - Winbond WMS7204 Datasheet HTML 15Page - Winbond WMS7204 Datasheet HTML 16Page - Winbond WMS7204 Datasheet HTML 17Page - Winbond WMS7204 Datasheet HTML 18Page - Winbond WMS7204 Datasheet HTML 19Page - Winbond WMS7204 Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
WMS7204
- 16 -
TABLE 7 – WRITING TO THE TAP REGISTERS
Inst.
No.
Command
Name:
Command Byte
Data Byte 1
Data Byte 2
Comment
3
Write to
Tap
Register
0 1 0 0 x x A1 A0
x x x x x x x x
D7 D6 D5 D4 D3 D2 D1 D0
Writes a value to
the tap register of
the selected
channel
8
Up
0 1 1 1 x x A1 A0
x x x x x x x x
x x x x x x x x
Increment tap
register value by
one
9
Down
1 1 1 1 x x A1 A0
x x x x x x x x
x x x x x x x x
Decrement tap
register value by
one
6
Load Tap
Register
1 0 1 1 A3 A2 A1 A0
x x x x x x x x
x x x x x x x x
Load the selected
NVMEM location
into the tap
register
7.8.4 Programming Non-Volatile Memory (NVMEM)
The value stored in the NVMEM location is 9 bits, the 8 bits (D7-D0) of the tap register plus 1 bit (D8)
of the output buffer mode. The NVMEM position must be erased before writing to it. There are two
ways to program a value into NVMEM.
Write a value directly from the microcontroller
Load the current potentiometer setting into NVMEM.
TABLE 8 – PROGRAMMING NVMEM
Inst.
No
Command
Name
Command Byte
Data Byte 1
Data Byte 2
Comment
12
Erase
NVMEM
1 1 0 1 A3 A2 A1 A0
x x x x x x x x
x x x x x x x x
Erases the 9 bit
word pointed to by
A3, A2, A1 and A0.
5
Program
NVMEM
0 0 1 0 A3 A2 A1 A0
x x x x x x x D8
D7 D6 D5 D4 D3 D2 D1 D0
Writes a value to
the selected
NVMEM register of
the selected
channel
7
Program
NVMEM with
Tap Register
0 0 1 1 A3 A2 A1 A0
x x x x x x x x
x x x x x x x x
Takes the current
potentiometer
settings and saves
in the selected
NVMEM location.
For programming NVMEM, the following sequence must be followed:
1. Erase word at NVMEM location
2. Program word at NVMEM location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com