Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 12 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 12 Page - Winbond

Back Button WMS7204 Datasheet HTML 8Page - Winbond WMS7204 Datasheet HTML 9Page - Winbond WMS7204 Datasheet HTML 10Page - Winbond WMS7204 Datasheet HTML 11Page - Winbond WMS7204 Datasheet HTML 12Page - Winbond WMS7204 Datasheet HTML 13Page - Winbond WMS7204 Datasheet HTML 14Page - Winbond WMS7204 Datasheet HTML 15Page - Winbond WMS7204 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
WMS7204
- 12 -
TABLE 3 – A1 AND A0 ADDRESS BIT DECODE TABLE
[A1 A0]
[0 0]
[0 1]
[1 0]
[1 1]
Channel
0
1
2
3
A3 and A2 are the address bits that decide which NVMEM memory to be accessed, as shown in the
table below.
TABLE 4 – A3 AND A2 ADDRESS BIT DECODE TABLE
[A3 A2]
[0 0]
[0 1]
[1 0]
[1 1]
NVMEM
0
1
2
3
D7-D0 are the data values to be loaded into the Tap Register to set the wiper position, while D8 is
used to set the output mode. D8 has to be loaded into the NVMEM0~3 first and then the “Load Tap
Register” command (#6) has be executed to load D8 into the output-selection MUX to set the output
mode. D8=0 sets the output to Buffer Off mode while D8=1 sets to Buffer On mode.
FIGURE 5 – SPI COMMAND WAVEFORMS
7.7. INSTRUCTION SET
CS
CS is taken LOW
before command
starts
CS is taken HIGH
after command is
sent
R/B
Note:
• A multiple of 24 bits must always be sent or the
command will not be valid
• Bits marked ‘x’ are don’t care bits.
R/B goes LOW at completion of commands
2, 4, 5, 6 and 7 to allow NVMEM to program
for TSV. For other commands, R/B stays
HIGH after command is sent.
SDO SDI must be valid on the rising edge of the clock SDO is valid on the falling edge of the clock or
CS
C3
`
C2 C1 C0 A3 A2 A1 A0 x
x x x
x x
x D8 D7 D6 D5 D4 D3 D2 D1 D0
1 2 3 4 5 6 7 8 9 1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
CLK
SD
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com