Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 28 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 28 Page - Winbond

Back Button WMS7204 Datasheet HTML 24Page - Winbond WMS7204 Datasheet HTML 25Page - Winbond WMS7204 Datasheet HTML 26Page - Winbond WMS7204 Datasheet HTML 27Page - Winbond WMS7204 Datasheet HTML 28Page - Winbond WMS7204 Datasheet HTML 29Page - Winbond WMS7204 Datasheet HTML 30Page - Winbond WMS7204 Datasheet HTML 31Page - Winbond WMS7204 Datasheet HTML 32Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
WMS7204
- 28 -
12. PACKAGE DRAWINGS AND DIMENSIONS
1.63
1.47
0.064
0.058
Symbol
Min
Nom
Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.060
1.52
0.175
4.45
0.010
0.125
0.016
0.130
0.018
0.135
0.022
3.18
0.41
0.25
3.30
0.46
3.43
0.56
0.008
0.120
0.375
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.255
0.250
0.245
6.48
6.35
6.22
9.53
7.62
7.37
7.87
0.300
0.290
0.310
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
1.026
1.040
20.06
26.42
015
0.075
1.91
0.355
0.335
8.51
9.02
15
0
Seating Plane
A
e
2
A
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
20
110
11
α
α
FIGURE 14 – 20L PDIP – 300MIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com