Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 14 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 14 Page - Winbond

Back Button WMS7204 Datasheet HTML 10Page - Winbond WMS7204 Datasheet HTML 11Page - Winbond WMS7204 Datasheet HTML 12Page - Winbond WMS7204 Datasheet HTML 13Page - Winbond WMS7204 Datasheet HTML 14Page - Winbond WMS7204 Datasheet HTML 15Page - Winbond WMS7204 Datasheet HTML 16Page - Winbond WMS7204 Datasheet HTML 17Page - Winbond WMS7204 Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
WMS7204
- 14 -
7.8.1 Sending a Command
1. Take the chip out of SLEEP mode.
2. Check that the write protect is set correctly if writing to NVMEM.
3. Check that R/B is HIGH before issuing command.
4. Pull the CS pin LOW before sending data to the device.
5. 24 clock pulses are sent for each command. SDI must be valid on the rising edge of the clock,
SDO is valid on the falling edge of the clock or CS .
6. Take CS HIGH after the command has completed.
7. If command 2, 4, 5, 6 or 7 is sent, wait for the R/B pin to go HIGH before sending the next
command.
7.8.2 Wake Up/Sleep/Power Commands
The chip is in SLEEP mode after:
•
VDD is applied
•
A Power on Reset command is sent
•
A SLEEP command is sent
Before any operations can be performed the WAKE UP command must be sent.
When a SLEEP command is sent, the chip retains its resistor settings as long as the chip is powered
up but cannot accept any other commands than a WAKE UP command.
TABLE 6 – POWER RELATED COMMANDS
Inst.
No.
Command Name:
Command Byte
Data Byte 1
Data Byte 2
Comment
11
Wake Up
0 0 0 1 x x x x
x x x x x x x x
x x x x x x x x
Wake Up entire chip
10
Sleep
1 0 0 0 x x x x
x x x x x x x x
x x x x x x x x
Send chip into power save
mode
13
Power on Reset
1 0 0 1 x x x x
x x x x x x x x
x x x x x x x x
Reset Chip
1
NOP
0 0 0 0 x x x x
x x x x x x x x
x x x x x x x x
Dummy instruction
The commands above control the entire chip. There is no way to independently power on or off
individual potentiometers.
7.8.3 Write to Tap Register (TR)
The microcontroller can write a value directly into the tap register or send an increment or decrement
command to control the tap register. Alternatively, the contents of an NVMEM location can be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com