Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 22 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 22 Page - Winbond

Back Button WMS7204 Datasheet HTML 18Page - Winbond WMS7204 Datasheet HTML 19Page - Winbond WMS7204 Datasheet HTML 20Page - Winbond WMS7204 Datasheet HTML 21Page - Winbond WMS7204 Datasheet HTML 22Page - Winbond WMS7204 Datasheet HTML 23Page - Winbond WMS7204 Datasheet HTML 24Page - Winbond WMS7204 Datasheet HTML 25Page - Winbond WMS7204 Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
WMS7204
- 22 -
Output Leakage Current
ILo
-1
+1
uA
CS
=VDD,Vin=VSS
~ VDD
Input Capacitance
1
CIN
25
pF
VDD=5V, fc = 1Mhz
Code = 80h
Output Capacitance
1
COUT
25
pF
VDD=5V, fc = 1Mhz
Code = 80h
Power Requirements
Operating Voltage
1
VDD
2.7
5.5
V
Operating Current
IDDR
1
1.8
mA
All ops except
NVMEM program
Operating Current
IDDW
1
2
mA
During Non-
volatile memory
program
ISA
0.5
1
mA
Buffer is active, no
load
Standby Current
ISB
2
0.1
1
uA
Buffer is inactive,
Power Down, No
load
Power Supply Rejection Ratio
PSRR
1
LSB/V
VDD=5V±10%,
Code=80h
Note: 1. Not subject to production test; 2. Only on Final Test; 3. VDD = +2.7V to 5.5V, VSS = 0V, T = 25ºC, unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com