Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204 Datasheet(PDF) 21 Page - Winbond

Part # WMS7204
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204 Datasheet(HTML) 21 Page - Winbond

Back Button WMS7204 Datasheet HTML 17Page - Winbond WMS7204 Datasheet HTML 18Page - Winbond WMS7204 Datasheet HTML 19Page - Winbond WMS7204 Datasheet HTML 20Page - Winbond WMS7204 Datasheet HTML 21Page - Winbond WMS7204 Datasheet HTML 22Page - Winbond WMS7204 Datasheet HTML 23Page - Winbond WMS7204 Datasheet HTML 24Page - Winbond WMS7204 Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
WMS7204
Publication Release Date: January 2003
- 21 -
Revision 1.0
10. ELECTRICAL CHARACTERISTICS
TABLE 12 – ELECTRICAL CHARACTERISTICS
All Parameters apply across specified operating ranges unless noted (VDD: 2.7V~5.5V; Temp: –40°C~85°C)
Typical values: VDD=5V and T=25°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Rheostat Mode
Nominal Resistance
R
-20
+20
%
T=25ºC, VW open
Different Non Linearity
DNL
-1
0.3
+1
LSB
Integral Non Linearity
INL
-1
0.5
+1
LSB
Rheostat Tempco
1
∆RAB/∆T
500
ppm/
°
C
Wiper Resistance
2
RW
50
100
Ω
VDD=5V,
I=VDD/RTotal
80
120
Ω
VDD=2.7V,
I=VDD/RTotal
Potentiometer Mode
Resolution
1
N
8
Bits
Different Non Linearity
2
DNL
-1
+1
LSB
Integral Non Linearity
2
INL
-1
+1
LSB
Potentiometer Tempco
1
∆Vw/∆T
+20
ppm/
°
C
Code = 80h
Full Scale Error
VFSE
-1
0
LSB
Code = Full Scale
Zero Scale Error
VZSE
0
1
LSB
Code = Zero Scale
Resistor Terminal
Voltage Range
1
VA,VB,VW
VSS
VDD
V
Terminal Capacitance
1
CA, CB
30
pF
Wiper Capacitance
1
30
pF
Dynamic Characteristics
1
BW10K
1.5
MHz
BW50K
300
KHz
Bandwidth –3dB
BW100K
200
KHz
VDD=5V, VB=VSS
Code = 80h
CL=30pf
Settling Time to 1 LSB
TS
80
100
uS
VDD=5.5V=VA,
VB=VSS
Analog Output (Buffer enabled)
Amp Output Current
2
IOUT
3
mA
VO=1/2 scale
Amp Output Resistance
2
Rout
1
10
Ω
Total Harmonic Distortion
1
THD
0.08
%
VA=2.5V, VDD=5V,
f=1kHz, VIN=1VRMS
Digital Inputs/Outputs
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.3VDD
V
Output Low Voltage
VOL
0.4
V
IOL=2mA
Input Leakage Current
ILI
-1
+1
uA
CS
=VDD,Vin=Vss
~ VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com