Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 2Page - Analog Devices ADATE205 Datasheet HTML 3Page - Analog Devices ADATE205 Datasheet HTML 4Page - Analog Devices ADATE205 Datasheet HTML 5Page - Analog Devices ADATE205 Datasheet HTML 6Page - Analog Devices ADATE205 Datasheet HTML 7Page - Analog Devices ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADATE205
Rev. 0 | Page 6 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Offset
−15
+15
mV
Common mode = 0 V
Gain Error
1
% FSR
VIN = −1.5 V to +6.5 V
Linearity Error
3
mV
VIN = −1.5 V to +6.5 V
Single-Ended Logic Input Characteristics
Threshold Voltage (CLLM)
CMOS_VDD/2
V
Voltage Range
0
5.5
V
Bias Current
−10
+160
+200
μA
VIN = 0 V, 3.3 V
Bias Current
260
μA
VIN = 5.5 V
Digital Output Characteristics
(VOH, VOL Levels)
Logic 1
3.1
3.26
3.4
V
Terminated 50 Ω to 3.3 V
Logic 0
2.7
2.86
3.1
V
Terminated 50 Ω to 3.3 V
Differential Levels
350
400
450
mV
Terminated 50 Ω to 3.3 V
COMPARATOR AC SPECIFICATIONS
Propagation Delay
Input to Output
500
ps
VIN = 3 V p-p, 2 V/ns
Propagation Delay Tempco
1.0
ps/°C
VIN = 3 V p-p, 2 V/ns
Propagation Delay Change with Respect to
PD vs. Duty Cycle
40
ps
VIN = 0 V to 3 V, 2 V/ns, driver in
VTERM, VIT = 0 V, period = 10 ns;
dc = 1 ns, 5 ns, 9 ns
Slew Rate: 1 V/ns, 2 V/ns, 3 V/ns
30
ps
VIN = 0 V to 3 V, driver in VTERM,
VIT = 0 V; slew rates = 1 V/ns,
2 V/ns, 3 V/ns
Amplitude: 500 mV, 1.0 V, 3.0 V
30
ps
VIN = 0 V to 500 mV, 0 V to 1 V, 0 V
to 3 V, 2 V/ns, driver in VTERM,
VIT = 0 V
Equivalent Input Rise Time
225
ps
VIN = 0 V to 1 V, <50 ps, 20% to
80% rise time, driver in VTERM =
0 V
Pulse-Width Linearity
20
ps
VIN = 0 V to 3 V, 2 V/ns; pulse
width = 3 ns, 4 ns, 5 ns, 10 ns;
driver in VTERM, VIT = 0 V
Settling Time
5.5
ns
Settling to ±8 mV, VIN = 0 V to
3 V, driver in VTERM, VIT = 0 V
Minimum Pulse Width
1
ns
2 V terminated, 1 V at the
comparator, driver in VTERM,
VIT = 0 V, 1 μs period, pulse
width = 50 ns to 1 ns
Hysteresis
6
mV
VIN = 100 mV, sweep CVL and
CVH
Comparator Propagation Delay Matching,
HCOMP to LCOMP
50
ps
HCOMP rise to LCOMP rise,
HCOMP fall to LCOMP fall
LOAD DC SPECIFICATIONS
Single-Ended Logic Input Characteristics
Threshold Voltage (LDEN)
CMOS_VDD/2
V
Voltage Range
0
5.5
V
Bias Current
−10
+10
μA
VIN = 0 V, 3.3 V
Input Characteristics
VIOL Current Program Range
0.0
3.5
V
VDUT = −1.5 V, +6.5 V
IOL = 0 mA to 35 mA
VIOH Current Program Range
0.0
3.5
V
VDUT = −1.5 V, +6.5 V,
IOH = 0 mA to 35 mA
VIOH, VIOL Input Bias Current
−10
+10
μA
VIOL = 0 V, 3.5 V; VIOH = 0 V,
3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com