Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 12 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices ADATE205 Datasheet HTML 11Page - Analog Devices ADATE205 Datasheet HTML 12Page - Analog Devices ADATE205 Datasheet HTML 13Page - Analog Devices ADATE205 Datasheet HTML 14Page - Analog Devices ADATE205 Datasheet HTML 15Page - Analog Devices ADATE205 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADATE205
Rev. 0 | Page 12 of 16
TYPICAL PERFORMACE CHARACTERISTICS
2400
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
0
2
4
6
10
12
14
16
818
2ns/DIV
VIL = 0V
TERMINATION = 50Ω
VIH = 5V
VIH = 3V
VIH = 1V
Figure 3. Driver Large Signal Response
240
220
200
180
160
140
120
100
80
60
40
20
0
0
2
4
6
10
12
14
16
818
2ns/DIV
VIL = 0V
TERMINATION = 50Ω
VIH = 500mV
VIH = 200mV
VIH = 100mV
Figure 4. Driver Small Signal Response
TRAILING FALL EDGE
TRAILING RISE EDGE
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2.5
5.0
7.5
10.0
12.5
15.0
17.5 20.0 22.5
25.0
2.5ns/DIV
Figure 5. Driver Trailing Edge Timing Error vs. Pulse Width
5
3
2
1
4
0
–1
–3
–2
–6
–4
–5
–2
–1
0
1
3
4
5
6
27
VDUT (V)
DRIVER = VIH
Figure 6. Driver VIH Linearity vs. Output
6
4
3
2
5
1
0
–2
–1
–5
–3
–4
–2
–1
0
1
3
4
5
6
27
VDUT (V)
DRIVER = VIL
Figure 7. Driver VIL Linearity vs. Output
8
4
2
6
0
–4
–2
–8
–6
–2
–1
0
1
3
4
5
6
27
VDUT (V)
DRIVER = VTERM
Figure 8. Driver VTERM Linearity vs. Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com